전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2950 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 LM2950
상세설명  0.1A LOW DROPOUT VOLTAGE REGULATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

LM2950 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  LM2950 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2950 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2950 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (Soldering, 5 seconds)
Storage Temperature Range
Operating Junction Temperature Range
Input Supply Voltage
Feedback Input Voltage
Shutdown Input Voltage
Error Comparator Output
ELECTRICAL CHARACTERISTICS(at Ta=25℃, VIN=15V, unles otherwise specified)
-25℃ ≤TJ ≤85℃
0.985|V0|
1.015|V0|
Full Operating Temperature
0.980|V0|
1.020|V0|
Output Voltage
100㎂≤IL≤100㎃,TJ≤TJMAX
0.976|V0|
1.024|V0|
Output Voltage Temperature Coefficient
(Note 1)
Line Regulation (Note 3)
V0+1V≤VIN≤30V
Load Regulation (Note 3)
100㎂≤IL≤100㎃
IL=100㎂
IL=100㎃
IL=100㎂
IL=100㎃
Dropout Ground Current
VIN=V0-0.5V, IL=100㎂
Current Limit
VOUT=0
Thermal Regulation
CL=1㎌
CL=200㎌
CL=3.3㎌
(Bypass=0.01㎌ pins 7 to 1
Error Comparator
Output Leakage Current
VOH=30V
Output Low Voltage
VIN=4.5V, IOL=400㎂
Upper Threshold Voltage
(Note 6)
Lower Threshold Voltage
(Note 6)
Hysteresis
(Note 6)
Shutdown Input
Low (Regulator ON)
High (Regulator OFF)
VS=2.4V
VS=30V
(Note 7)
Note 1 : Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the
total temperature range.
Note 2 : Unless otherwise specified all limits guaranteed for TJ=25℃, VIN=V0+1V, IL=100㎂ and CL=1㎌. Additional condition
for the 8-pin versions are feedback tied to -XX V tap and output tied to output Sense (VOUT=XX V) and
VSHOUTDOWN≤0.8V
Note 3 : Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
HTC
40
V
㎂
30
3
50
600
10
450
60
㎂
100
1.0
250
㎂
㎷
95
0.01
150
15
430
160
0.2
75
0.05
μVr㎳
120
12
170
200
㎃
㎂
㎃
%/W
CONDITIONS (Note 2)
PARAMETER
0.4
0.3
MIN
TYP
MAX
150
V0
0.1
50
Shutdown Pin Input Current
Input Logic Voltage
Output Voltage
Dropout Voltage (Note 4)
Ground Current
Output Noise, 10Hz to 100kHz
8
110
160
2.0V≤VOUT<3.3V
Regulator Output Current Shutdown
20
30
-0.3 to +30V
VOUT=5.0V
3.3V≤VOUT<5.0V
380
75
V0
V
50
0.04
ppm/℃
INTERNALLY LIMITED
260℃
-65℃ to +150℃
-55℃ to +150℃
0.7
-1.5 to +30V
-0.3 to +30V
-0.3 to +30V
80
450
%
%
㎷
UNITS
2
POWER DISSIPATION
2
1.3



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com