전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5028RF 데이터시트(PDF) 5 Page - SamHop Microelectronics Corp.

부품명 SM5028RF
상세설명  RF ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5028RF 데이터시트(HTML) 5 Page - SamHop Microelectronics Corp.

  SM5028RF Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5028RF Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5
2. OSC Frequency
SM5028RF's oscillator can be constructed by connecting a resistor between OSC1 and OSC2
pin.
V1.0
Encoder OSC Frequency
40
35
30
25
20
15
10
5
0
KHz
1
2
3
4
5
6
7
8
9
10
11
12
VOLTAGE
1.5M
1.2M
1.0M
820K
2.0M
3.0M
560K
The recommended oscillator frequency is FOSCD (SM5038RF decoder)= 8 - 10 FOSCD (SM5028RF
encoder)
~
SM5028RF
212 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com