전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM4204PAPR 데이터시트(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM4204PAPR
상세설명  Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPR 데이터시트(HTML) 12 Page - Texas Instruments

Back Button PCM4204PAPR Datasheet HTML 8Page - Texas Instruments PCM4204PAPR Datasheet HTML 9Page - Texas Instruments PCM4204PAPR Datasheet HTML 10Page - Texas Instruments PCM4204PAPR Datasheet HTML 11Page - Texas Instruments PCM4204PAPR Datasheet HTML 12Page - Texas Instruments PCM4204PAPR Datasheet HTML 13Page - Texas Instruments PCM4204PAPR Datasheet HTML 14Page - Texas Instruments PCM4204PAPR Datasheet HTML 15Page - Texas Instruments PCM4204PAPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
12
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 20Hz to 20kHz, unless otherwise noted.
FFT PLOT
(f
S =96kHz, fIN =997Hz at − 60dB)
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
40k
FFT PLOT
(f
S = 96kHz, No Input [Idle])
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
40k
FFT PLOT
(f
S =192kHz, fIN = 997Hz at −20dB)
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
100k
FFT PLOT
(f
S = 192kHz, fIN =997Hz at − 60dB)
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
100k
FFT PLOT
(f
S = 192kHz, No Input [Idle])
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
100k
THD+N vs AMPLITUDE
(f
S =48kHz,fIN = 1kHz, BW = 20Hz to 20kHz)
Input Amplitude (dB)
−90
−92
−94
−96
−98
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
−80
−60
−120
−100
−140
−40
−20
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com