| 전자부품 데이터시트 검색엔진 |
|
LMP2021MA/NOPB 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP2021MA/NOPB 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() - + FEEDBACK NETWORK VIN_DIFF VIN RIN CIN INPUT SWITCHES VIN_DIFF RIN RON_SWITCH COUT VOUT + - CIN VIN - + FEEDBACK NETWORK VIN_DIFF VIN RIN CIN INPUT SWITCHES VIN_DIFF RIN RON_SWITCH COUT VOUT + - VIN 21 LMP2021, LMP2022 www.ti.com SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016 Product Folder Links: LMP2021 LMP2022 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Application Information (continued) Figure 43. Auto Correcting Input Stage Model As shown in Figure 43, the sum of RIN and RON-SWITCH will form a low pass filter with COUT during correction cycles. As RIN increases, the time constant of this filter increases, resulting in a slower output signal which could have the effect of reducing the open loop gain, AVOL, of the LMP202x. In order to prevent this reduction in AVOL in presence of high impedance sensors or other high resistances connected to the input of the LMP202x, a capacitor can be placed in parallel to this input resistance. This is shown in Figure 44. Figure 44. Sensor Impedance with Parallel Capacitance CIN in Figure 44 adds a zero to the low pass filter and hence eliminating the reduction in AVOL of the LMP202x. An alternative circuit to achieve this is shown in Figure 45. Figure 45. Alternative Sensor Impedance Circuit |