| 전자부품 데이터시트 검색엔진 |
|
LMP7717MFE/NOPB 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP7717MFE/NOPB 데이터시트(HTML) 3 Page - Texas Instruments |
|
3 / 37 page ![]() LMP7717, LMP7718 www.ti.com SNOSAY7H – MARCH 2007 – REVISED MARCH 2013 Absolute Maximum Ratings (1) (2) ESD Tolerance (3) Human Body Model 2000V Machine Model 200V Charge-Device Model 1000V VIN Differential ±0.3V Supply Voltage (V+ – V−) 6.0V Input/Output Pin Voltage V+ +0.3V, V− −0.3V Storage Temperature Range −65°C to 150°C Junction Temperature(4) +150°C For soldering specifications: see product folder at www.ti.com/ and http://www.ti.com/lit/SNOA549 (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test conditions, see 5V Electrical Characteristics(). (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC). (4) The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly onto a PC Board. Operating Ratings (1) Temperature Range(2) −40°C to 125°C Supply Voltage (V+ – V−) −40°C ≤ TA ≤ 125°C 2.0V to 5.5V 0°C ≤ TA ≤ 125°C 1.8V to 5.5V Package Thermal Resistance ( θJA (2)) 5-Pin SOT-23 180°C/W 8-Pin SOIC 190°C/W 8-Pin VSSOP 236°C/W (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test conditions, see 5V Electrical Characteristics(). (2) The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly onto a PC Board. Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LMP7717 LMP7718 |