| 전자부품 데이터시트 검색엔진 |
|
LMP8602MA/NOPB 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP8602MA/NOPB 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 42 page ![]() R2 = 9Q 2 R1 = 2 R 1 R 2 4Q R2 = Q 2 R1 2 R = 1 R ( ) 2 1 Q K - Q = R1R2 C1 2 C1R2 R2 = R1R2 K2 1 K2 1 Q = R1R2 C1 2 R1C1 + R2C1 (K2 1)R1C1 K2 1 K2 1 C2 = C1 K2 1 Q = R1C1 + R2C1 - R1C2 R1R2C1C2 Q = R1C1 + R2C1 + (1 - K2) * R1C2 R1R2C1C2 21 LMP8601, LMP8601-Q1 LMP8602, LMP8602-Q1 LMP8603, LMP8603-Q1 www.ti.com SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016 Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Feature Description (continued) and the quality factor of the filter is given by: (4) With K2 = 2x, Equation 4 transforms results in: (5) For any filter gain K > 1x, the design procedure can be very simple if the two capacitors are chosen to in a certain ratio. (6) Inserting this in Equation 4 for Q results in: (7) Which results in: (8) In this case, given the predetermined value of R1 = 100 k Ω (the internal resistor), the quality factor is set solely by the value of the resistor R2. R2 can be calculated based on the desired value of Q as the first step of the design procedure with the following equation: (9) For the gain of 2 for the LMP8601 and LMP8601-Q1, the result is: (10) For the gain of 5 for the LMP8602 and LMP8602-Q1, the result is: (11) For the gain of 10 for the LMP8603 and LMP8603-Q1, the result is: (12) |