전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT431L 데이터시트(PDF) 8 Page - Catalyst Semiconductor

부품명 CAT431L
상세설명  Low-Voltage Adjustable Precision Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT431L 데이터시트(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT431L Datasheet HTML 3Page - Catalyst Semiconductor CAT431L Datasheet HTML 4Page - Catalyst Semiconductor CAT431L Datasheet HTML 5Page - Catalyst Semiconductor CAT431L Datasheet HTML 6Page - Catalyst Semiconductor CAT431L Datasheet HTML 7Page - Catalyst Semiconductor CAT431L Datasheet HTML 8Page - Catalyst Semiconductor CAT431L Datasheet HTML 9Page - Catalyst Semiconductor CAT431L Datasheet HTML 10Page - Catalyst Semiconductor CAT431L Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT431L
8
Doc. No. 4006, Rev. J
PACKAGE OUTLINES
3 LEAD SOT-23
b
PIN #3
PIN #2
PIN #1
e
e1
R0.0
03[R
0.08
]
(A
LL)
D
(4X)
L1
L
NOTES:
1. ALL DIMENSIONS ARE IN INCHES & IN [ ] ARE IN MM.
2. PACKAGE OUTLINE DIMENSIONS INCLUSIVE OF METAL BURRS.
3. PACKAGE OUTLINE EXCLUSIVE OF MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.076MM. [0.003"].
4. ALL PACKAGE SURFACES TO BE MIRROR FINISH.
5. MOLDING AND FORMING WITH DIE FACING UP.
6. LEADFINISH PLATING: 0.00762MM [0.0003"] - 0.0254MM [0.001"].
PACKAGE OUTLINE EXCLUSIVE OF LEADFINISH PLATING.
7. THIS POD COMPLIES TO JEDEC TO-236AB ISSUE H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com