| 전자부품 데이터시트 검색엔진 |
|
LMV602MA/NOPB 데이터시트(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV602MA/NOPB 데이터시트(HTML) 20 Page - Texas Instruments |
|
20 / 35 page ![]() INPUT Rf Cf Cbyp OUTPUT SHDN GND V+ 20 LMV601, LMV602, LMV604 SNOSC70C – APRIL 2012 – REVISED JULY 2016 www.ti.com Product Folder Links: LMV601 LMV602 LMV604 Submit Documentation Feedback Copyright © 2012–2016, Texas Instruments Incorporated 10 Layout 10.1 Layout Guideline To properly bypass the power supply, consider the placement of several components on the printed-circuit boad. A 6.8 ‑µF or greater tantalum capacitor must be placed at the point where the power supply for the amplifier is introduced onto the board. Another 0.1-µF ceramic capacitor must be placed as close as possible to the power supply pin of the amplifier. If the amplifier is operated in a single power supply, only the V+ pin must be bypassed with a 0.1-µF capacitor. If the amplifier is operated in a dual power supply, both V+ and V– pins must be bypassed. It is good practice to use a ground plane on a printed-circuit board to provide all components with a low inductive ground connection. TI recommends surface-mount components in 0805 size or smaller in the LMV601-N application circuits. Designers can take advantage of the VSSOP miniature sizes to condense board layout to save space and reduce stray capacitance. 10.2 Layout Example Figure 48. PCB Layout Example |