전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L4979D 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L4979D
상세설명  LOW DROP VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L4979D Datasheet HTML 2Page - STMicroelectronics L4979D Datasheet HTML 3Page - STMicroelectronics L4979D Datasheet HTML 4Page - STMicroelectronics L4979D Datasheet HTML 5Page - STMicroelectronics L4979D Datasheet HTML 6Page - STMicroelectronics L4979D Datasheet HTML 7Page - STMicroelectronics L4979D Datasheet HTML 8Page - STMicroelectronics L4979D Datasheet HTML 9Page - STMicroelectronics L4979D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
L4979MD L4979D
6/10
and reset pulse delay trd is given by:
trd = 512 x Tosc
Figure 5. Reset Time Diagram.
4
WATCHDOG
The watchdog input Wi monitors a connected microcontroller. If pulses are missing, the reset output Res is
set to low. The pulse sequence time can be set within a wide range thorough the external capacitor Ctw. The
watchdog circuit discharges the capacitor Ctw with the constant current Icwd. If the lower threshold Vwlth is
reached, a watchdog reset is generated. To prevent this reset, the microcontroller must generate a positive edge
during the discharge of the capacitor before the voltage has reached the threshold Vwlth. In order to calculate
the minimum time Tdis during which the microcontroller must generate the positive edge, the following equation
can be used:
(Vwhth - Vwlth) x Ctw = Icwd x Tdis
Each Wi positive edge switches the current source from discharging to charging; the same happens when the
lower Vwlth threshold is reached. When the voltage reaches the upper threshold Vwhth the current switches from
charging to discharging. The result is a saw tooth voltage at the watchdog timer capacitor Ctw.
Figure 6. Watchdog time diagram
T
osc
V
rhth
V
rlth
() C
tr
[]
I
cr
------------------------------------------------------
V
rhth
V
rlth
() C
tr
[]
I
dr
------------------------------------------------------
+
=
trr
< trr
trd = 512 T osc
Tosc
Vrhth
Vrlth
Res
Vcr
Vo
Wi
V out_th
Res
Vcw
Wi
Vwlth
Vwhth
twol
Twop
Tdis



Html Pages

1 2 3 4 5 6 7 8 9 10