전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S1T8531 데이터시트(PDF) 7 Page - Samsung semiconductor

부품명 S1T8531
상세설명  WIDEBAND FM/FSK IF RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8531 데이터시트(HTML) 7 Page - Samsung semiconductor

Back Button S1T8531 Datasheet HTML 2Page - Samsung semiconductor S1T8531 Datasheet HTML 3Page - Samsung semiconductor S1T8531 Datasheet HTML 4Page - Samsung semiconductor S1T8531 Datasheet HTML 5Page - Samsung semiconductor S1T8531 Datasheet HTML 6Page - Samsung semiconductor S1T8531 Datasheet HTML 7Page - Samsung semiconductor S1T8531 Datasheet HTML 8Page - Samsung semiconductor S1T8531 Datasheet HTML 9Page - Samsung semiconductor S1T8531 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
WIDEBAND FM/FSK IF RECEIVER
S1T8531
7
FUNCTIONAL DESCRIPTION
General
The S1T8531 is a wideband FM / FSK receiver designed for use in analog FM and digital FSK systems such as
900MHz / 2.4GHz ISM band analog / digital cordless phones and wideband data links with data rates up to 2Mbps.
It contains IF amplifier, quadrature detector, baseband filter amplifier and data slicer with sample and hold function.
IF Amplifier
The IF amplifier section is composed of seven differential stage with total gain of 100dB at 10.7MHz. The input
impedance at 10.7MHz is 1.5k
Ω. For 10.7MHz ceramic filter applications, an external 430Ω resistor must be placed
between IFP(Pin15) and IFN(pin16) to provide the equivalent load impedance of 330
Ω that is required by the filter.
Quadrature Demodulator
The quadrature demodulator requires tank circuit with loaded Q depending on detection bandwidth. Following
figure shows external components required for 10.7MHz operation.
Baseband Filter Buffer Amplifier3
Baseband filter amplifier is a wideband buffer and it can be configured as a second-order sallen-key low pass filter.
Following figure shows the external components required.
Cutoff frequency = 1 / [2
π*SQRT(R1R2C1C2)]
Quality factor = SQRT(R1R2C1C2) / (R1C2 + R2C2)
The component value of R1 should contain the quadrature detector output resistance.
VCC
QUAD OUT
47pF
4.255uH
Rdamp
3
5
QUAD IN
BUF IN
BUF OUT
R1
R2
C2
C1
Vin
Vout
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com