| 전자부품 데이터시트 검색엔진 |
|
DN2470 데이터시트(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DN2470 데이터시트(HTML) 1 Page - Microchip Technology |
|
1 / 11 page ![]() 2015 Microchip Technology Inc. DS20005410A-page 1 DN2470 Features • High-input impedance • Low-input capacitance • Fast switching speeds • Low on-resistance • Free from secondary breakdown • Low input and output leakage Applications • Normally-on switches • Solid state relays •Converters • Linear amplifiers • Constant current sources • Battery operated systems • Telecom Description This low threshold, depletion-mode, normally-on, tran- sistor utilizes an advanced vertical Diffusion Metal Oxide Semiconductor (DMOS) structure and a well proven silicon-gate manufacturing process. This com- bination produces a device with the power-handling capabilities of bipolar transistors, plus the high-input impedance and positive-temperature coefficient inher- ent in Metal-Oxide Semiconductor (MOS) devices. Characteristic of all MOS structures, this device is free from thermal runaway and thermally-induced second- ary breakdown. Vertical DMOS Field-Effect Transistors (FETs) are ide- ally suited to a wide range of switching and amplifying applications where a very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired. N-Channel, Depletion-Mode, Vertical DMOS FET |
유사한 부품 번호 - DN2470 |
|
유사한 설명 - DN2470 |