전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT83CT 데이터시트(PDF) 5 Page - PerkinElmer Optoelectronics

부품명 VT83CT
상세설명  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT83CT 데이터시트(HTML) 5 Page - PerkinElmer Optoelectronics

  VT83CT Datasheet HTML 1Page - PerkinElmer Optoelectronics VT83CT Datasheet HTML 2Page - PerkinElmer Optoelectronics VT83CT Datasheet HTML 3Page - PerkinElmer Optoelectronics VT83CT Datasheet HTML 4Page - PerkinElmer Optoelectronics VT83CT Datasheet HTML 5Page - PerkinElmer Optoelectronics VT83CT Datasheet HTML 6Page - PerkinElmer Optoelectronics VT83CT Datasheet HTML 7Page - PerkinElmer Optoelectronics VT83CT Datasheet HTML 8Page - PerkinElmer Optoelectronics VT83CT Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
iii
Custom and Semi-Custom Devices
Upon request, and where sufficient quantities are involved,
PerkinElmer Optoelectronics will test standard parts to your
unique set of specifications. The advantage of testing parts
under actual operating conditions is predictable performance in
the application.
PerkinElmer offers a broad line of standard photodiodes in a
wide variety of packages and sensitivities. Nevertheless, some
applications demand a totally custom device. Recognizing this
real need, PerkinElmer’s engineering, research, and sales
departments are geared for working with the customer from
initial concept through design, prototype, and volume production.
A custom design usually required the commitment of valuable
resources. PerkinElmer reviews requests for custom devices on
a case by case basis and reserves the right to decide if the
business potential warrants the undertaking of such a project.
The customer may be asked to share in the expense of
development.
PerkinElmer has designed and fabricated custom products for
many companies. PerkinElmer’s staff can work closely with the
customer and protect proprietary information. A custom design
usually required the commitment of valuable resources.
PerkinElmer reviews requests for custom devices on a case by
case basis and reserves the right to decide if the business
potential warrants the undertaking of such a project. The
customer may be asked to share in the expense of development.
PerkinElmer has designed and fabricated custom products for
many companies. PerkinElmer’s staff can work closely with the
customer and protect proprietary information.
Your inquiries to PerkinElmer should include electrical,
environmental, and mechanical requirements. Also, information
on anticipated volumes, price objectives, and lead times is
helpful since these often determine the choices of design and
tooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76