전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD4448HT 데이터시트(PDF) 3 Page - Diode Semiconductor Korea

부품명 MMBD4448HT
상세설명  Surface Mount Fast Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBD4448HT 데이터시트(HTML) 3 Page - Diode Semiconductor Korea

  MMBD4448HT Datasheet HTML 1Page - Diode Semiconductor Korea MMBD4448HT Datasheet HTML 2Page - Diode Semiconductor Korea MMBD4448HT Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Fast Switching Diode
MMBD4448HT/HTA/HTC/HTS
PACKAGE OUTLINE
Plastic surface mounted package
SOT-523
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
SOT-523
Dim
Min
Max
A
1.5
1.7
B
0.75
0.85
C
0.6
0.8
D
0.15
0.3
G
0.9
1.1
H
0.02
0.1
J
0.1Typical
K
1.45
1.75
All Dimensions in mm
Device
Package
Shipping
MMBD4448HT/HTA/HTC/HTS
SOT-523
3000/Tape&Reel
H
J
G
K
D
C
B
A
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3