| 전자부품 데이터시트 검색엔진 |
|
LP8900TLE-3333/NOPB 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8900TLE-3333/NOPB 데이터시트(HTML) 5 Page - Texas Instruments |
|
5 / 23 page ![]() 5 LP8900 www.ti.com SNVS542E – MAY 2008 – REVISED JUNE 2016 Product Folder Links: LP8900 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated (1) All limits are specified. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or correlated using Statistical Quality Control methods. Operation over the temperature specification is ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process control. (2) The minimum input voltage = VOUT(NOM) + 0.5 V or 1.8 V, whichever is greater. (3) Dropout voltage is voltage difference between input and output at which the output voltage drops to 100 mV below its nominal value. This parameter is only specified for output voltages above 1.8 V. (4) The device maintains the regulated output voltage without a load. (5) Short circuit current is measured with VOUT pulled to 0 V. (6) This electrical specification is ensured by design. (7) EN Pin has an internal 3-M Ω typical, resistor connected to GND. 7.5 Electrical Characteristics Unless otherwise noted, VEN = 1.2 V, VIN = VOUT + 0.5 V, or 1.8 V, whichever is higher (where VOUT is the higher of VOUT1 and VOUT2), CIN = COUT = 1 µF, and IOUT = 1 mA. Typical values apply for TA = 25°C; minimum and maximum values apply over the full junction temperature range for operation, −40 to +125°C, unless otherwise specified. (1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIN Input voltage TA = 25°C, see (2) 1.8 5.5 V ΔVOUT Output voltage tolerance VIN = VOUT(NOM) + 0.5 V to 5.5 V ILOAD = 1 mA 1% 1% VIN = 1.8 V to 5.5 V ILOAD = 1 mA, VOUT = 1.2 V –2.25% 2.25% Line regulation error VIN = VOUT(NOM) + 0.5 V to 5.5 V IOUT = 1 mA 0.05 %/V Load regulation error IOUT = 1 mA to 200 mA 4 9 mV VDO Dropout voltage(3) IOUT = 200 mA VOUT = 3.6 V 55 82 mV VOUT = 2.8 V 110 164 VOUT = 1.8 V 185 260 ILOAD Load current TA = 25°C, see (4) 0 mA See(4) 200 IQ Quiescent current VEN1 = 1.2 V, VEN2 = 0 V, IOUT = 0 mA 48 120 µA VEN1 = 1.2 V, VEN2 = 1.2 V, IOUT = 0 mA 85 200 VEN1 = 1.2 V, VEN2 = 1.2 V, IOUT = 200 mA 210 VEN ≤ 0.4 V 0.003 1 ISC Short-circuit current limit VIN = 3.6 V (5) 600 900 mA PSRR Power supply rejection ratio(6) ƒ = 1 kHz, IOUT = 200 mA 75 dB ƒ = 10 kHz, IOUT = 200 mA 65 ƒ = 100 kHz, IOUT = 200 mA 45 ƒ = 1 MHz, IOUT = 200 mA 30 en Output noise voltage(6) BW = 10 Hz to 100 kHz, VIN = 4.2 V, COUT = 1 µF IOUT = 0 mA 6 µVRMS IOUT = 1 mA 10 IOUT = 200 mA 6 TSHUTDOWN Thermal shutdown Temperature 155 °C Hysteresis 15 ENABLE CONTROL CHARACTERISTICS IEN Maximum input current at EN input(7) VEN = 0 V, VIN = 5.5 V 0.003 µA VEN = VIN = 5.5 V 4 VIL Low input threshold VIN = 1.8 V to 5.5 V 0.4 V VIH High input threshold VIN = 1.8 V to 5.5 V 1.2 V |