| 전자부품 데이터시트 검색엔진 |
|
LP8340CLDX-2.5 데이터시트(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP8340CLDX-2.5 데이터시트(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 14 page ![]() LP8340C Electrical Characteristics (Continued) Unless otherwise specified all limits guaranteed for V IN =VO+ 1V, CIN =COUT = 10µF, TJ = 25˚C. Boldface limits apply over the full operating temperature range of T J = 0˚C to 125˚C Symbol Parameter Conditions Min (Note 5) Typ (Note 4) Max (Note 5) Units V IN −VO Dropout Voltage (Note 7) (Note 8) LP8340-1.8 I OUT = 800mA 680 1400 mV LP8340-2.5 I OUT = 800mA 550 1000 LP8340-2.5 I OUT = 1.0A 670 1300 LP8340-3.3 LP8340-ADJ, V OUT = 3.3V, IOUT = 800mA 420 800 LP8340-3.3 LP8340-ADJ, I OUT = 1.0A 540 1000 LP8340-5.0 I OUT = 800mA 330 650 LP8340-5.0 I OUT = 1.0A 420 800 I Q Quiescent Current V IN ≤10V 19 50 µA Minimum Load Current V IN −VOUT ≤4V 100 µA I LIMIT Foldback Current Limit V IN −VOUT >5V 450 mA V IN −VOUT <4V 1600 Ripple Rejection Ratio V IN (dc) = VOUT +2V V IN (ac) = 1 VP-P @ 120Hz 48 55 dB T SD Thermal Shutdown Temp. Thermal Shutdown Hyst. 160 10 ˚C ADJ Input Leakage Current V ADJ = 1.5V or 0V ±0.01 ±100 nA V OUT Leakage Current LP8340-ADJ ADJ = OUT, V OUT = 2V, VIN = 10V 10 µA LP8340-1.8, V OUT = 2.5V, VIN = 10V 10 LP8340-2.5, V OUT = 3.5V, VIN = 10V 10 LP8340-3.3, V OUT = 4V, VIN = 10V 10 LP8340-5.0, V OUT = 6V, VIN = 10V 10 e n Output Noise 10Hz to 10kHz, R L =1k Ω,C OUT = 10µF 250 µVrms LP8340I Electrical Characteristics Unless otherwise specified all limits guaranteed for V IN =VO+ 1V, CIN =COUT = 10µF, TJ = 25˚C. Boldface limits apply over the full operating temperature range of T J = −40˚C to 125˚C Symbol Parameter Conditions Min (Note 5) Typ (Note 4) Max (Note 5) Units V IN Input Voltage LP8340-ADJ,1.8, 2.5 LP8340-3.3, 5.0 2.7 10 10 V www.national.com 5 |