전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TM16LR64JFN 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TM16LR64JFN
상세설명  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TM16LR64JFN 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TM16LR64JFN Datasheet HTML 6Page - Texas Instruments TM16LR64JFN Datasheet HTML 7Page - Texas Instruments TM16LR64JFN Datasheet HTML 8Page - Texas Instruments TM16LR64JFN Datasheet HTML 9Page - Texas Instruments TM16LR64JFN Datasheet HTML 10Page - Texas Instruments TM16LR64JFN Datasheet HTML 11Page - Texas Instruments TM16LR64JFN Datasheet HTML 12Page - Texas Instruments TM16LR64JFN Datasheet HTML 13Page - Texas Instruments TM16LR64JFN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial presence detect
The serial presence detect (SPD) is contained in a 256-byte serial EEPROM located on the module. The SPD
nonvolatile EEPROM contains various data such as module configuration, SDRAM organization, and timing
parameters (see Table 1 and Table 2). Only the first 128 bytes are programmed by Texas Instruments, while
the remaining 128 bytes are available for customer use. Programming is done through an IIC bus using the clock
(SCL) and data (SDA) signals. All Texas Instruments modules comply with the current JEDEC SPD Standard.
See the Texas Instruments Serial Presence Detect Technical Reference (literature number SMMU001) for
further details.
SPD contents of each TMxLR64JFN device are listed in the following tables:
Table 1
−TM8LR64JFN
Table 2
−TM16LR64JFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17