전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DF005S 데이터시트(PDF) 1 Page - Diode Semiconductor Korea

부품명 DF005S
상세설명  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

DF005S 데이터시트(HTML) 1 Page - Diode Semiconductor Korea

  DF005S Datasheet HTML 1Page - Diode Semiconductor Korea DF005S Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.2± 0.3
1.2± 0.1
8.3± 0.1
5± 0.2
6.4± 0.1
7.9± 0.2
10± 0.6
DF005S---DF10S
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop high current capability.
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has UL flammability classification
94V-0
UL recognized file
MECHANICAL DATA
Polarity :As marked on Body
Weight : 0.016 ounces,0.45 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DF-S
DF10S
DF08S
DF06S
DF04S
DF02S
DF005S
DF01S
CHARACTERISTICS
SYMBOL
1000
700
1000
800
560
800
600
420
600
400
280
400
200
140
200
50
35
50
100
70
100
VRMS
VDC
VRRM
IF(AV)
IFSM
V
F
@TA
=40 C
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
1.0
50
1.1
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 2)
R0JA
40
C/W
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =125 C
@TJ =25 C
10
500
µ A
V
A
A
V
UNIT
V
V
10.4
A S
2
I t
2
I t Rating for fusing (t < 8.3ms)
2
CJ
25
pF
Typical Junction
Capacitance per element (Note 1)
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient mounted on P.C.B
with 0.5x0.5"(13x13mm) copper pads.
SURFACE MOUNT
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


유사한 부품 번호 - DF005S

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF005S JGD-DF005S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF005S SSE-DF005S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF005S FAIRCHILD-DF005S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

유사한 설명 - DF005S

제조업체부품명데이터시트상세설명
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DB101S HY-DB101S_V01 Datasheet
345Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB1S-12 PJSEMI-TB1S-12 Datasheet
757Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB1S-20 PJSEMI-TB1S-20 Datasheet
405Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com