| 전자부품 데이터시트 검색엔진 |
|
DB207 데이터시트(PDF) 2 Page - Diode Semiconductor Korea |
|
|
|||||||||||||||||||||||||||||
DB207 데이터시트(HTML) 2 Page - Diode Semiconductor Korea |
|
2 / 2 page ![]() .01 1.0 10 040 60 0.1 20 100 120 140 80 TJ=25 0.8 1.0 1.2 1.4 0.1 1.0 10 TJ=125 Pulse Width =300 uS 0.6 0.4 0.1 0.5 0 1.0 1.5 60Hz RESISTIVE OR INDUCTIVE LOAD 2.0 0 25 5075100 125 150 160 12 24 1 10 100 8.3m s S ingle H alf S ine W ave T J=25 48 6 0 36 FIG.3 -- TYPICAL FORWARD CHARACTERISTIC FIG.4 -- TYPICAL REVERSE CHARACTERISTIC DB201 -- DB207 NUMBER OF CYCLES AT 60HZ AMBIENT TEMPERATURE, PERCENT OF RATED PEAK REVERSE VOLTAGE, % INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.1 -- PEAK FORWARD SURGE CURRENT FIG.2 -- FORWARD DERATING CURVE www.diode.kr Diode Semiconductor Korea |