| 전자부품 데이터시트 검색엔진 |
|
SWB1010-SML 데이터시트(PDF) 1 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
SWB1010-SML 데이터시트(HTML) 1 Page - Coilcraft lnc. |
|
1 / 2 page ![]() US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2016 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. Impedance Pins 1–3 Pins 6–4 Part number ratio2 IDC max Frequency Lmin3 DCRmax Lmin3 DCR max Schematic Through-hole Surface mount1 pri : sec (mA) (MHz) (µH) (Ohms) (µH) (Ohms) SWB1010-PCL SWB1010-SML_ 1 : 1 250 0.005–100 780 0.320 780 0.320 SWB1010-1-PCL SWB1010-1-SML_ 1 :1 250 0.04–175 95 0.200 95 0.200 SWB1015-PCL SWB1015-SML_ 1.5 :1 250 0.1–150 80 0.145 51 0.130 SWB1040-PCL SWB1040-SML_ 4 :1 250 0.2–300 95 0.160 25 0.115 SWB2010-PCL SWB2010-SML_ 1 :1 250 0.005–100 780 0.320 780 0.320 SWB2010-1-PCL SWB2010-1-SML_ 1 :1 250 0.04–175 95 0.200 95 0.200 SWB2040-PCL SWB2040-SML_ 4 :1 250 0.2 – 300 95 0.160 25 0.115 SWB3010-PCL SWB3010-SML_ 1 :1 250 0.005–100 780 0.320 780 0.320 SWB3010-1-PCL SWB3010-1-SML_ 1 :1 250 0.04–175 95 0.200 95 0.200 SWB3015-PCL SWB3015-SML_ 1.5 :1 250 0.1–150 80 0.145 51 0.130 SWB3040-PCL SWB3040-SML_ 4 :1 250 0.2–300 95 0.160 25 0.115 Wideband RF Transformers–SWB Document 1070-1 Document 1070-1 Revised 04/25/16 1. When ordering, please specify a packaging code: SWB3040-SMLD Packaging: D = 13 ″ machine ready reel. EIA-481 embossed plastic tape (500 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Impedance ratio is for the full primary winding to the full secondary winding. 3. Inductance tested at 130 kHz, 0.1 Vrms, 0 Adc. 4. Electrical specifications at 25°C. Measurements are referenced to 50 Ohms. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. 6 4 3 Pri Pri Pri Sec Sec Sec 1 3 1 6 5 4 6 5 4 3 2 1 Core material Ferrite Terminations RoHS compliant matte tin over nickel over phos bronze. Other terminations available at additional cost. Weight 0.37 – 0.39 g Ambient temperature –40°C to +85°C Maximum part temperature +85°C (ambient + temp rise) Storage temperature Component: –40°C to +85°C. Packaging: –40°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 60 per billion hours / 16,666,667 hours, calculated per Telcordia SR-332 Packaging (SM version): 500 per 13 ″ reel; Plastic tape: 24 mm wide, 0.45 mm thick, 20 mm pocket spacing, 6.6 mm pocket depth; (TH version): 70 per tube PCB washing Tested to MIL-STD-202 Method 215 plus an additional aqueous wash. See Doc787_PCB_Washing.pdf. • Surface mount and through hole versions • 500 V, one minute interwinding isolation (hipot) • 250 mA max current rating; 1/4 Watt RF input power • For a smaller package size, see our PWB Series 6 4 3 Pri Pri Pri Sec Sec Sec 1 3 1 6 5 4 6 5 4 3 2 1 6 4 3 Pri Pri Pri Sec Sec Sec 1 3 1 6 5 4 6 5 4 3 2 1 |
유사한 부품 번호 - SWB1010-SML |
|
유사한 설명 - SWB1010-SML |