전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54ST 데이터시트(PDF) 2 Page - Diode Semiconductor Korea

부품명 BAT54ST
상세설명  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT54ST 데이터시트(HTML) 2 Page - Diode Semiconductor Korea

  BAT54ST Datasheet HTML 1Page - Diode Semiconductor Korea BAT54ST Datasheet HTML 2Page - Diode Semiconductor Korea BAT54ST Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Schottky Barrier Diode
BAT54T/AT/CT/ST
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=100μA
30
V
Leakage current
IR
VR=25V
2.0
μA
Forward voltage
VF
IF=0.1mA
IF=1.0mA
IF=10mA
IF=30mA
IF=100mA
240
320
400
500
1000
mV
Typical total capacitance
CT
VR=1.0V,f=1MHz
10
pF
Reverse recovery Time
trr
IF=IR=10mA,to IR=1.0mA RL=100Ω
5.0
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com