전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CT 데이터시트(PDF) 3 Page - Bruckewell Technology LTD

부품명 BAT54CT
상세설명  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAT54CT 데이터시트(HTML) 3 Page - Bruckewell Technology LTD

  BAT54CT Datasheet HTML 1Page - Bruckewell Technology LTD BAT54CT Datasheet HTML 2Page - Bruckewell Technology LTD BAT54CT Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Schottky Barrier Diode
BAT54T/AT/CT/ST
PACKAGE OUTLINE
Plastic surface mounted package
SOT-523
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
SOT-523
Dim
Min
Max
A
1.5
1.7
B
0.75
0.85
C
0.6
0.8
D
0.15
0.3
G
0.9
1.1
H
0.02
0.1
J
0.1Typical
K
1.45
1.75
All Dimensions in mm
Device
Package
Shipping
BAT54T/AT/CT/ST
SOT-523
3000/Tape&Reel
H
J
G
K
D
C
B
A



Html Pages

1 2 3