전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS70 데이터시트(PDF) 1 Page - Bruckewell Technology LTD

부품명 BAS70
상세설명  Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAS70 데이터시트(HTML) 1 Page - Bruckewell Technology LTD

  BAS70 Datasheet HTML 1Page - Bruckewell Technology LTD BAS70 Datasheet HTML 2Page - Bruckewell Technology LTD BAS70 Datasheet HTML 3Page - Bruckewell Technology LTD BAS70 Datasheet HTML 4Page - Bruckewell Technology LTD BAS70 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS70_BAS70-04_BAS70-05_BAS70-06
Schottky Diodes
Publication Order Number: [BAS70_BAS70-04_BAS70-05_BAS70-06]
© Bruckewell Technology Corporation Rev. A -2014
Features
• General-purpose diode for high-speed switching
• Circuit protection
• Voltage clamping
• High-level detecting and mixing
• RoHS compliant package
Packing & Order Information
3,000/Reel
Graphic symbol
Graphic symbol
ORDERING INFORMATION
Type
Marking
Pin Configuration
Package
BAS70
73s
1=A
2 n.c
3=C
SOT-23
BAS70-04
74s
1=A1
2 =C2
3=C1/A2
SOT-23
BAS70-05
75s
1=A1
2 =A2
3=C1/C2
SOT-23
BAS70-06
76s
1=C1
2 =C2
3=A1/A2
SOT-23
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings
Symbol
Parameter
Value
Unit
VR
Diode reverse voltage
70
V
IF
Forward current IF
70
mA
IFSM
Surge forward current, t ≤ 10ms
100
mA
Ptot
Total power dissipation BAS 70, TS ≤ 66°C
250
mW
Ptot
BAS 70-04, BAS 70-05, BAS 70-
06, TS ≤ 40°C
250
mW
TJ
Junction temperature
150
°C
TOP
Operating temperature range
-55 to +150
°C
TSTG
Storage temperature
-55 to +150
°C


유사한 부품 번호 - BAS70

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

유사한 설명 - BAS70

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com