| 전자부품 데이터시트 검색엔진 |
|
MCP23017T-E/ML 데이터시트(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017T-E/ML 데이터시트(HTML) 11 Page - Microchip Technology |
|
11 / 42 page ![]() 2005-2016 Microchip Technology Inc. DS20001952C-page 11 MCP23017/MCP23S17 2.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 2-1. TABLE 2-1: PINOUT DESCRIPTION Pin Name QFN SOIC SPDIP SSOP Pin Type Function GPB0 25 1 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPB1 26 2 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPB2 27 3 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPB3 28 4 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPB4 1 5 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPB5 2 6 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPB6 3 7 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPB7 4 8 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. VDD 5 9 P Power VSS 6 10 P Ground NC/CS 7 11 I NC (MCP23017)/Chip Select (MCP23S17) SCK 8 12 I Serial clock input SDA/SI 9 13 I/O Serial data I/O (MCP23017)/Serial data input (MCP23S17) NC/SO 10 14 O NC (MCP23017)/Serial data out (MCP23S17) A0 11 15 I Hardware address pin. Must be externally biased. A1 12 16 I Hardware address pin. Must be externally biased. A2 13 17 I Hardware address pin. Must be externally biased. RESET 14 18 I Hardware reset. Must be externally biased. INTB 15 19 O Interrupt output for PORTB. Can be configured as active-high, active-low or open-drain. INTA 16 20 O Interrupt output for PORTA. Can be configured as active-high, active-low or open-drain. GPA0 17 21 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPA1 18 22 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPA2 19 23 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPA3 20 24 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPA4 21 25 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPA5 22 26 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPA6 23 27 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. GPA7 24 28 I/O Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor. EP 29 — — Exposed Thermal Pad. Either connect to VSS, or leave unconnected. |