| 전자부품 데이터시트 검색엔진 |
|
MCP23017T-E/SS 데이터시트(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017T-E/SS 데이터시트(HTML) 7 Page - Microchip Technology |
|
7 / 42 page ![]() 2005-2016 Microchip Technology Inc. DS20001952C-page 7 MCP23017/MCP23S17 90 START Condition Setup Time: TSU:STA 100 kHz mode 4.7 — — µs 1.8V – 5.5V 400 kHz mode 0.6 — — µs 2.7V – 5.5V 1.7 MHz mode 0.16 — — µs 4.5V – 5.5V 91 START Condition Hold Time: THD:STA 100 kHz mode 4.0 — — µs 1.8V – 5.5V 400 kHz mode 0.6 — — µs 2.7V – 5.5V 1.7 MHz mode 0.16 — — µs 4.5V – 5.5V 106 Data Input Hold Time: THD:DAT 100 kHz mode 0 — 3.45 µs 1.8V – 5.5V 400 kHz mode 0 — 0.9 µs 2.7V – 5.5V 1.7 MHz mode 0 — 0.15 µs 4.5V – 5.5V 107 Data Input Setup Time: TSU:DAT 100 kHz mode 250 — — ns 1.8V – 5.5V 400 kHz mode 100 — — ns 2.7V – 5.5V 1.7 MHz mode 0.01 — — µs 4.5V – 5.5V 92 Stop Condition Setup Time: TSU:STO 100 kHz mode 4.0 — — µs 1.8V – 5.5V 400 kHz mode 0.6 — — µs 2.7V – 5.5V 1.7 MHz mode 0.16 — — µs 4.5V–5.5V 109 Output Valid From Clock: TAA 100 kHz mode — — 3.45 µs 1.8V – 5.5V 400 kHz mode — — 0.9 µs 2.7V – 5.5V 1.7 MHz mode — — 0.18 µs 4.5V – 5.5V 110 Bus Free Time: TBUF 100 kHz mode 4.7 — — µs 1.8V – 5.5V 400 kHz mode 1.3 — — µs 2.7V – 5.5V 1.7 MHz mode N/A — N/A µs 4.5V – 5.5V 111 Bus Capacitive Loading: CB 100 kHz and 400 kHz — — 400 pF Note 1 1.7 MHz — — 100 pF Note 1 112 Input Filter Spike Suppression (SDA and SCL): TSP 100 kHz and 400 kHz — — 50 ns 1.7 MHz — — 10 ns Spike suppression off TABLE 1-3: I2C BUS DATA REQUIREMENTS (CONTINUED) I2C Interface AC Characteristics: Unless otherwise noted, 1.8V V DD 5.5V at -40C TA +125C, RPU (SCL, SDA) = 1 k , C L (SCL, SDA) = 135 pF Param. No. Characteristic Sym. Min. Typ. Max. Units Conditions Note 1: This parameter is characterized, not 100% tested. 2: CB is specified to be from 10 to 400 pF. |