전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP19110-E/MJ 데이터시트(PDF) 92 Page - Microchip Technology

부품명 MCP19110-E/MJ
상세설명  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ 데이터시트(HTML) 92 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 88Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 89Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 90Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 91Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 92Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 93Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 94Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 95Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 226 page
background image
MCP19110/11
DS20002331D-page 92
 2013-2016 Microchip Technology Inc.
14.8
Power Control (PCON) Register
The Power Control (PCON) register contains flag bits
to differentiate between a:
• Power-on Reset (POR)
• Overtemperature (OT)
The PCON register bits are shown in Register 14-1.
REGISTER 14-1:
PCON – POWER CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
U-0
—
—
—
—
—OT
POR
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as '0'
bit 2
OT: Overtemperature Reset Status bit
1 = No Overtemperature Reset occurred
0 = An Overtemperature Reset occurred (must be set in software after an Overtemperature occurs)
bit 1
POR: Power-on Reset Status bit
1 = No Power-on Reset occurred
0 = A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
Unimplemented: Read as '0'
TABLE 0-1:
SUMMARY OF REGISTERS ASSOCIATED WITH RESETS
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Register
on Page
PCON
—
—
—
—
—OT
POR
—
92
STATUS
IPR
RP1
RP0
TO
PD
ZDC
C
71
Legend: — = unimplemented bit, reads as ‘0’. Shaded cells are not used by Resets.
Note 1: Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com