전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP16331T-E/CH 데이터시트(PDF) 23 Page - Microchip Technology

부품명 MCP16331T-E/CH
상세설명  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T-E/CH 데이터시트(HTML) 23 Page - Microchip Technology

Back Button MCP16331T-E/CH Datasheet HTML 19Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 20Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 21Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 22Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 23Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 24Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 25Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 26Page - Microchip Technology MCP16331T-E/CH Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
 2014 Microchip Technology Inc.
DS20005308B-page 23
MCP16331
FIGURE 5-1:
MCP16331 SOT-23-6 Recommended Layout, 500 mA Design.
Bottom Plane is GND
RBOT RTOP 10 Ohm
VOUT
VIN
2x CIN
CB D
B
1
GND
GND
L
D1
COUT
COUT
Bottom Trace
MCP16331
CB
VIN
COUT
SW
BOOST
GND
EN
FB
L
DB
D1
3.3V
4V to 50V
10
VOUT
RTOP
RBOT
1
6
3
2
5
4
VIN
CIN
MCP16331
Component
Value
CIN
2 x 10 µF
COUT
2 x 10 µF
L
15 µH
RTOP
31.2 k
RBOT
10 k
D1
B1100
DB
1N4148
CB
100 nF
*Note:
A 10
 resistor is used with network analyzer, to measure
system gain and phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com