전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP16301HT-E/CH 데이터시트(PDF) 2 Page - Microchip Technology

부품명 MCP16301HT-E/CH
상세설명  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH 데이터시트(HTML) 2 Page - Microchip Technology

  MCP16301HT-E/CH Datasheet HTML 1Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 2Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 3Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 4Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 5Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 6Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 7Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 8Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MCP16301/H
DS20005004D-page 2
 2011-2015 Microchip Technology Inc.
Typical Applications
VIN
GND
VFB
SW
VIN
6.0V to 36V
VOUT
5.0V @ 600 mA
COUT
2x 10 µF
CIN
10 µF
L1
22 µH
Boost
52.3 k
10 k
EN
1N4148
40V
Schottky
Diode
CBOOST
100 nF
VIN
GND
VFB
SW
VIN
4.7V to 36V
VOUT
3.3V @ 600 mA
COUT
2x 10 µF
CIN
10 µF
L1
15 µH
Boost
31.6 k
10 k
EN
1N4148
40V
Schottky
Diode
CBOOST
100 nF
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
IOUT (mA)
VOUT = 5.0V
VOUT = 3.3V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40