전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2050T-E/P 데이터시트(PDF) 30 Page - Microchip Technology

부품명 MCP2050T-E/P
상세설명  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/P 데이터시트(HTML) 30 Page - Microchip Technology

Back Button MCP2050T-E/P Datasheet HTML 26Page - Microchip Technology MCP2050T-E/P Datasheet HTML 27Page - Microchip Technology MCP2050T-E/P Datasheet HTML 28Page - Microchip Technology MCP2050T-E/P Datasheet HTML 29Page - Microchip Technology MCP2050T-E/P Datasheet HTML 30Page - Microchip Technology MCP2050T-E/P Datasheet HTML 31Page - Microchip Technology MCP2050T-E/P Datasheet HTML 32Page - Microchip Technology MCP2050T-E/P Datasheet HTML 33Page - Microchip Technology MCP2050T-E/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
MCP2050
DS20002299C-page 30
 2012-2014 Microchip Technology Inc.
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
14-Lead SOIC (.150”)
Example
MCP2050
-500
E/SL ^^
1429256
3
e
14-Lead PDIP (300 mil)
Example
MCP2050
-500
E/P ^^
1429256
3
e
20-Lead QFN (5x5x0.9 mm)
Example
PIN 1
PIN 1
MCP2050
500E/MQ
^^
1429256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40