| 전자부품 데이터시트 검색엔진 |
|
HCS500T-I/ST 데이터시트(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS500T-I/ST 데이터시트(HTML) 39 Page - Microchip Technology |
|
39 / 42 page ![]() 2001-2015 Microchip Technology Inc. DS40000153E-page 39 HCS500 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: HCS500 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C (Industrial) C= 0 C to +70C (Extended) Package: PDIP = P SOIJ = SM Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) HCS500T - I/ST 301 Tape and Reel, Industrial temperature, PDIP package QTP pattern #301 Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - |