전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A25QBM080QL 데이터시트(PDF) 39 Page - AMIC Technology

부품명 A25QBM080QL
상세설명  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBM080QL 데이터시트(HTML) 39 Page - AMIC Technology

Back Button A25QBM080QL Datasheet HTML 35Page - AMIC Technology A25QBM080QL Datasheet HTML 36Page - AMIC Technology A25QBM080QL Datasheet HTML 37Page - AMIC Technology A25QBM080QL Datasheet HTML 38Page - AMIC Technology A25QBM080QL Datasheet HTML 39Page - AMIC Technology A25QBM080QL Datasheet HTML 40Page - AMIC Technology A25QBM080QL Datasheet HTML 41Page - AMIC Technology A25QBM080QL Datasheet HTML 42Page - AMIC Technology A25QBM080QL Datasheet HTML 43Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
38
AMIC Technology Corp.
Program / Erase Suspend
The Suspend instruction allows the system to interrupt a
Sector or Block Erase operation or a Page Program
operation and then read from or program data to, any other
sectors or blocks. The Suspend instruction sequence is
shown in figure 29.
The Write Status Register instruction (01h) and Erase
instructions (20h, 52h, D8h, C7h, 60h) are not allowed during
Erase Suspend. Erase Suspend is valid only during the
Sector or Block erase operation. If written during the Chip
Erase operation, the Erase Suspend instruction is ignored.
The Write Status Register instruction (01h) and Page
Program instructions (02h) are not allowed during Program
Suspend. Program Suspend is valid only during the Page
Program operation.
The Suspend instruction will be accepted by the device only
if the SUS bit in the Status Register equals to 0 and the WIP
bit equals to 1 while a Sector or Block Erase or a Page
Program operation is on-going. If the SUS bit equals to 1 or
the BUSY bit equals to 0, the Suspend instruction will be
ignored by the device. A maximum of time of “tSUS” (See AC
Characteristics) is required to suspend the erase or program
operation. The WIP bit in the Status Register will be cleared
from 1 to 0 within “tSUS” and the SUS bit in the Status
Register will be set from 0 to 1 immediately after
Program/Erase
Suspend.
For
a
previously
resumed
Program/Erase operation, it is also required that the Suspend
instruction is not issued earlier than a minimum of time of
“tSUS” following the preceding Resume instruction.
Unexpected power off during the Program/Erase suspend
state will reset the device and release the suspend state.
SUS bit in the Status Register will also reset to 0. The data
within the page, sector or block that was being suspended
may become corrupted. It is recommended for the user to
implement system design techniques against the accidental
power interruption and preserve data integrity during
Program/Erase suspend state.
Figure 28. Suspend Instruction Sequence
S
C
DIO
1 2 3 45 6 7
0
Instruction (75h or B0h)
Accept Read or Program
Instruction
High Impedance
tSUS
DO
Table 8. Operations Allowed and Not Allowed During a Program or Erase Suspend
Command
Operation During Program Suspend
Operation During Erase Suspend
Read Commands
Read Data
Allowed
Allowed
Program and Erase Commands
PP
Not Allowed
Allowed
SE/ BE/ CE
Not Allowed
Not Allowed
Status Register Commands
RDSR-1/ RDSR-2
Allowed
Allowed
WRSR
Not Allowed
Not Allowed
Other Commands
SUSPEND
Not Allowed
Not Allowed
RESUME
Allowed
Allowed
HPM
Allowed
Allowed
WREN
Allowed
Allowed
WRDI
Allowed
Allowed
RDID/ REMS/ RES/ SFDP
Allowed
Allowed
DP
Not Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com