전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A25QBO080QL 데이터시트(PDF) 11 Page - AMIC Technology

부품명 A25QBO080QL
상세설명  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL 데이터시트(HTML) 11 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 7Page - AMIC Technology A25QBO080QL Datasheet HTML 8Page - AMIC Technology A25QBO080QL Datasheet HTML 9Page - AMIC Technology A25QBO080QL Datasheet HTML 10Page - AMIC Technology A25QBO080QL Datasheet HTML 11Page - AMIC Technology A25QBO080QL Datasheet HTML 12Page - AMIC Technology A25QBO080QL Datasheet HTML 13Page - AMIC Technology A25QBO080QL Datasheet HTML 14Page - AMIC Technology A25QBO080QL Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
10
AMIC Technology Corp.
INSTRUCTIONS
All instructions, addresses and data are shifted in and out of
the device, most significant bit first.
Serial Data Input(s) IO0 (IO1, IO2, IO3) is (are) sampled on the
first rising edge of Serial Clock (C) after Chip Select (
S ) is
driven Low. Then, the one-byte instruction code must be
shifted in to the device, most significant bit first, on Serial Data
Input(s) IO0 (IO1, IO2, IO3), each bit being latched on the rising
edges of Serial Clock (C).
The instruction set is listed in Table 3.
Every instruction sequence starts with a one-byte instruction
code. Depending on the instruction, this might be followed by
address bytes, or by data bytes, or by dummy bytes (don’t
care), or by a combination or none.
In the case of a Read Data Bytes (READ), Read Data Bytes at
Higher Speed (Fast_Read), Read Data Bytes at Higher Speed
by Dual Output (FAST_READ_DUAL_OUTPUT), Read Data
Bytes at Higher Speed by Dual Input and Dual Output
(FAST_READ_DUAL_INPUT_OUTPUT) , Read Data Bytes at
Higher
Speed
by
Quad
Output
(FAST_READ_QUAD
_OUTPUT), Read Data Bytes at Higher Speed by Quad Input
and Quad Output (FAST_READ_QUAD_INPUT_OUTPUT),
Read OTP (ROTP), Read Identification (RDID), Read
Electronic Manufacturer and Device Identification (REMS),
Read Status Register (RDSR) or Release from Deep
Power-down, Read Device Identification and Read Electronic
Signature (RES) instruction, the shifted-in instruction se-
quence is followed by a data-out sequence. Chip Select (
S )
can be driven High after any bit of the data-out sequence is
being shifted out.
In the case of a Page Program (PP), Program OTP (POTP),
Dual Input Fast Program (DIFP), Quad Input Fast Program
(QIFP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE),
Write Status Register (WRSR), Write Enable (WREN), Write
Disable (WRDI) or Deep Power-down (DP) instruction, Chip
Select (
S ) must be driven High exactly at a byte boundary,
otherwise the instruction is rejected, and is not executed. That
is, Chip Select (
S ) must driven High when the number of
clock pulses after Chip Select (
S ) being driven Low is an
exact multiple of eight.
All attempts to access the memory array during a Write Status
Register cycle, Program cycle or Erase cycle are ignored, and
the internal Write Status Register cycle, Program cycle or
Erase cycle continues unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com