전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPV801 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LPV801
상세설명  TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LPV801 데이터시트(HTML) 1 Page - Texas Instruments

  LPV801 Datasheet HTML 1Page - Texas Instruments LPV801 Datasheet HTML 2Page - Texas Instruments LPV801 Datasheet HTML 3Page - Texas Instruments LPV801 Datasheet HTML 4Page - Texas Instruments LPV801 Datasheet HTML 5Page - Texas Instruments LPV801 Datasheet HTML 6Page - Texas Instruments LPV801 Datasheet HTML 7Page - Texas Instruments LPV801 Datasheet HTML 8Page - Texas Instruments LPV801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
+
VREF
+
VREF
RLoad
TLV8802a
TLV8802b
CE
WE
RE
CF
RF
VOUT
+
Output to
Comparator
TLV8802a
IR
+
TLV8802b
VREF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV8801, TLV8802
SNOSD34 – AUGUST 2016
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
1
1 Features
1
•
For Cost-Optimized Systems
•
Nanopower Supply Current: 320 nA/channel
•
Offset Voltage: 4.5 mV (max)
•
Good TcVos: 1 µV/°C
•
Unity Gain-Bandwidth: 6 kHz
•
Unity-Gain Stable
•
Low Input Bias Current : 0.1pA
•
Wide Supply Range: 1.7 V to 5.5 V
•
Rail-to-Rail Output
•
No Output Reversals
•
EMI Protection
•
Temperature Range: –40°C to 125°C
•
Industry Standard Packages:
–
Single in 5-pin SOT-23
–
Dual in 8-pin VSSOP
2 Applications
•
Gas Detectors such as CO detectors and O2
detectors
•
Motion Detectors Using PIR Sensors
•
Ionization Smoke Alarms
•
Thermostats
•
Remote Sensors, IoT (Internet of Things)
•
Active RFID Readers and Tags
•
Portable Medical Equipment
•
Portable Glucose Monitors
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
The TLV8801 (single) and TLV8802 (dual) family of
ultra-low-power operational amplifiers are ideal for
cost-optimized sensing applications in wireless and
low power wired equipment. The TLV880x amplifiers
minimize power consumption in equipment such as
CO detectors, smoke detectors and motion detecting
security systems (like PIR motion sensing) where
operational battery-life is critical. They also have a
carefully designed CMOS input stage enabling very
low, femto-amp bias currents, thereby reducing IBIAS
and IOS errors that would otherwise impact sensitive
applications
like
transimpedance
amplifier
(TIA)
configurations with megaohm feedback resistors, and
high
source
impedance
sensing
applications.
Additionally, built-in EMI protection reduces sensitivity
to unwanted RF signals from sources like mobile
phones, WiFi, radio transmitters and tag readers.
The TLV8801 (single) and TLV8802 (dual) channel
versions are available in industry standard 5-pin SOT-
23 and 8-pin VSSOP packages respectively.
TLV880x and TLV880x Nanopower Amplifiers
PART
NUMBER
CHANNELS
SUPPLY
CURRENT
(Typ/Ch)
OFFSET VOLTAGE
(Max)
TLV8801
1
500 nA
4.5 mV
TLV8802
2
320 nA
4.5 mV
LPV801
1
500 nA
3.5 mV
LPV802
2
320 nA
3.5 mV
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE
TLV8801
SOT-23 (5)
2.90 mm x 1.60 mm
TLV8802
VSSOP (8)
3.00 mm × 3.00 mm
Nanopower Electrochemical Sensor Amplifier
Nanopower PIR Motion Sensor Amplifier


유사한 부품 번호 - LPV801

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
LPV801 TI2-LPV801 Datasheet
1,001Kb / 30P
LPV801/LPV802 320 nA Nanopower Operational Amplifiers
REVISED NOVEMBER 2016
LPV801 TI2-LPV801 Datasheet
1Mb / 31P
LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
REVISED NOVEMBER 2016
LPV801 TI2-LPV801 Datasheet
998Kb / 30P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
REVISED NOVEMBER 2016
LPV801DBVR TI1-LPV801DBVR Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
More results

유사한 설명 - LPV801

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
TLV8811 TI1-TLV8811 Datasheet
735Kb / 26P
425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV9061 TI1-TLV9061_17 Datasheet
1Mb / 30P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV9061_1812 TI1-TLV9061_1812 Datasheet
4Mb / 70P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com