전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP121T-240I/TT 데이터시트(PDF) 22 Page - Microchip Technology

부품명 MCP121T-240I/TT
상세설명  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121T-240I/TT 데이터시트(HTML) 22 Page - Microchip Technology

Back Button MCP121T-240I/TT Datasheet HTML 18Page - Microchip Technology MCP121T-240I/TT Datasheet HTML 19Page - Microchip Technology MCP121T-240I/TT Datasheet HTML 20Page - Microchip Technology MCP121T-240I/TT Datasheet HTML 21Page - Microchip Technology MCP121T-240I/TT Datasheet HTML 22Page - Microchip Technology MCP121T-240I/TT Datasheet HTML 23Page - Microchip Technology MCP121T-240I/TT Datasheet HTML 24Page - Microchip Technology MCP121T-240I/TT Datasheet HTML 25Page - Microchip Technology MCP121T-240I/TT Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MCP102/103/121/131
DS20001906D-page 22
 2004-2014 Microchip Technology Inc.
5.2
Product Tape and Reel Specifications
FIGURE 5-1:
EMBOSSED CARRIER DIMENSIONS (8, 12, 16 AND 24 MM TAPE ONLY)
FIGURE 5-2:
3-LEAD SOT-23/SC70 DEVICE TAPE AND REEL SPECIFICATIONS
FIGURE 5-3:
TO-92 DEVICE TAPE AND REEL SPECIFICATIONS
TABLE 5-1:
CARRIER TAPE/CAVITY DIMENSIONS
Case
Outline
Package
Type
Carrier
Dimensions
Cavity
Dimensions
Output
Quantity
Units
Reel
Diameter in
mm
W
mm
P
mm
A0
mm
B0
mm
K0
mm
TT
SOT-23
3L
8
4
3.15
2.77
1.22
3000
180
LB
SC70
3L
8
4
2.4
2.4
1.19
3000
180
Top
Cover
Tape
K0
P
W
B0
A0
Standard Reel Component Orientation
Device
Marking
PIN 1
User Direction of Feed
W
P
Device
Marking
P
Seal
Tape
Back
Tape
MARK
FACE
User Direction of Feed
W
MARK
FACE
MARK
FACE
Note:
Bent leads are for Tape and Reel only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com