| 전자부품 데이터시트 검색엔진 |
|
IRL2505S/L 데이터시트(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRL2505S/L 데이터시트(HTML) 8 Page - International Rectifier |
|
8 / 10 page ![]() IRL2505S/L D2Pak Package Outline D2Pak Part Marking Information 10.16 (.400) RE F . 6.47 (.2 55 ) 6.18 (.2 43 ) 2.61 (.1 03 ) 2.32 (.0 91 ) 8.89 (.350) R E F . - B - 1.3 2 (.05 2) 1.2 2 (.04 8) 2.7 9 (.110 ) 2.2 9 (.090 ) 1.39 (.055) 1.14 (.045) 5 .28 (.20 8) 4 .78 (.18 8) 4.69 (.1 85) 4.20 (.1 65) 10.54 (.415) 10.29 (.405) - A - 2 1 3 15 .4 9 (.6 10) 14 .7 3 (.5 80) 3X 0.93 (.037) 0.69 (.027) 5 .08 (.20 0) 3X 1.40 (.0 55) 1.14 (.0 45) 1.7 8 (.07 0) 1.2 7 (.05 0) 1.4 0 (.055 ) M AX. NO TE S: 1 DIM ENS IO NS A F T ER SO L D ER DIP. 2 DIM ENS IO NING & T O LE RA NCING PE R A N S I Y1 4.5M , 198 2. 3 CO NT RO L LIN G DIM ENSIO N : INCH. 4 HE AT SINK & L EA D DIM ENS IO NS DO NO T INCLUDE B URRS. 0.5 5 (.022 ) 0.4 6 (.018 ) 0 .25 (.01 0 ) M B A M M INIM U M RE CO M M E NDE D F O O TP R IN T 11.43 (.450) 8.89 (.3 50 ) 17 .78 (.70 0) 3.81 (.15 0) 2 .08 (.08 2) 2X LEAD ASSIG N M E N TS 1 - G A TE 2 - D R AIN 3 - S O U RC E 2.5 4 (.100 ) 2 X PAR T N U M B ER IN TE RN ATIO NA L RE CT IF IE R L O G O D A T E CO DE (Y YW W ) YY = YEAR WW = WE E K A S SEM BL Y L O T C O D E F530 S 9 B 1 M 9246 A |