전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB18S 데이터시트(PDF) 2 Page - Bruckewell Technology LTD

부품명 MB18S
상세설명  Surface Mount Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB18S 데이터시트(HTML) 2 Page - Bruckewell Technology LTD

  MB18S Datasheet HTML 1Page - Bruckewell Technology LTD MB18S Datasheet HTML 2Page - Bruckewell Technology LTD MB18S Datasheet HTML 3Page - Bruckewell Technology LTD MB18S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB12S-110S
Surface Mount Schottky Bridge Rectifiers
REVERSE VOLTAGE: 20 - 100 V
Publication Order Number: [MB12S-110S]
© Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage
per element at IF = 1.0 A
VF
0.50
0.50
0.70
0.85
0.85
V
Maximum reverse current Tj=25°C
IR
30
u'A
at working peak reverse voltage Tj=125°C
-55 to +150 °C
m'A
Storage temperature range
TSTG
-55 to +150 °C
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Value
Unit
Typical thermal resistance
Symbol
MB12S-110S
°C/W
RθJA
85
Rthjl
28
NOTE
:
1.Pulse test: Pulse width 300us, duty cycle 1% (13mm x 13mm) Copper Pads.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com