전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LBS2 데이터시트(PDF) 4 Page - Formosa MS

부품명 LBS2
상세설명  SMD Bridge Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

LBS2 데이터시트(HTML) 4 Page - Formosa MS

  LBS2 Datasheet HTML 1Page - Formosa MS LBS2 Datasheet HTML 2Page - Formosa MS LBS2 Datasheet HTML 3Page - Formosa MS LBS2 Datasheet HTML 4Page - Formosa MS LBS2 Datasheet HTML 5Page - Formosa MS LBS2 Datasheet HTML 6Page - Formosa MS LBS2 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pinning information
Simplified outline
Symbol
Marking
Type number
Marking code
LBS05
ABS05
LBS1
ABS1
LBS2
ABS2
LBS4
ABS4
LBS6
ABS6
LBS8
ABS8
LBS10
ABS10
Page 4
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Suggested solder pad layout
Dimensions in inches and (millimeters)
B
0.024 (0.60)MIN
A
0.031 (0.80)MIN
C
0.157(4.00)REF
PACKAGE
LMBS
B
D
C
A
D
0.244 (6.20)MAX
LBS05 THRU LBS10
Example
Marking code
ABS8
DS-241172
2011/07/25
2012/04/05
B
7
1. For Halogen Device
1st line: Marking code
ABS8
―
2nd line:
2. For Halogen-free Device
indicate Halogen-Free.
―
SMD Bridge Rectifier



Html Pages

1 2 3 4 5 6 7