전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACS730 데이터시트(PDF) 12 Page - Allegro MicroSystems

부품명 ACS730
상세설명  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS730 데이터시트(HTML) 12 Page - Allegro MicroSystems

Back Button ACS730 Datasheet HTML 8Page - Allegro MicroSystems ACS730 Datasheet HTML 9Page - Allegro MicroSystems ACS730 Datasheet HTML 10Page - Allegro MicroSystems ACS730 Datasheet HTML 11Page - Allegro MicroSystems ACS730 Datasheet HTML 12Page - Allegro MicroSystems ACS730 Datasheet HTML 13Page - Allegro MicroSystems ACS730 Datasheet HTML 14Page - Allegro MicroSystems ACS730 Datasheet HTML 15Page - Allegro MicroSystems ACS730 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
in Small Footprint SOIC8 Package
ACS730
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
xKLCTR-50AB Key Parameters
+3 Sigma
-3 Sigma
Average
-30
-20
-10
0
10
20
30
40
-50
0
50
100
150
Temperature (°C)
Zero Current Output Voltage Error vs. Temperature
-8
-6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
Temperature (°C)
Zero Current Reference Voltage Error vs. Temperature
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
150
Temperature (°C)
Sensitivity Error Half Scale vs. Temperature
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
-50
0
50
100
150
Temperature (°C)
Sensitivity Error Full Scale vs. Temperature
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
150
Temperature (°C)
Nonlinearity vs. Temperature
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
-50
0
50
100
150
Temperature (°C)
Total Error at IPR(max) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com