| 전자부품 데이터시트 검색엔진 |
|
OPA690IDBVT 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OPA690IDBVT 데이터시트(HTML) 4 Page - Texas Instruments |
|
4 / 22 page ![]() OPA690 4 SBOS223A www.ti.com AC PERFORMANCE (see Figure 2) Small-Signal Bandwidth G = +1, VO < 0.5Vp-p, RF = ±25Ω 400 MHz typ C G = +2, VO < 0.5Vp-p 190 150 145 140 MHz typ C G = +10, VO < 0.5Vp-p 25 18 17 16 MHz typ C Gain-Bandwidth Product G ≥ 10 250 180 170 160 MHz typ C Bandwidth for 0.1dB Gain Flatness G = +2, VO < 0.5Vp-p 20 MHz typ C Peaking at a Gain of +1 VO < 0.5Vp-p 5 dB typ C Large-Signal Bandwidth G = +2, VO = 2Vp-p 220 MHz typ C Slew Rate G = +2, 2V Step 1000 700 670 550 V/ µs typ C Rise-and-Fall Time G = +2, VO = 0.5V Step 1.6 ns typ C G = +2, VO = 2V Step 2.0 ns typ C Settling Time to 0.02% G = +2, VO = 2V Step 12 ns typ C 0.1% G = +2, VO = 2V Step 8 ns typ C Harmonic Distortion G = +2, f = 5MHz, VO = 2Vp-p 2nd-Harmonic RL = 100Ω to VS/2 –65 –60 –59 –56 dBc typ C RL ≥ 500Ω to VS/2 –75 –70 –68 –66 dBc typ C 3rd-Harmonic RL = 100Ω to VS/2 –68 –64 –62 –60 dBc typ C RL ≥ 500Ω to VS/2 –77 –73 –71 –70 dBc typ C Input Voltage Noise f > 1MHz 5.6 nV/ √Hz typ C Input Current Noise f > 1MHz 3.2 pA/ √Hz typ C Differential Gain G = +2, NTSC, VO = 1.4Vp, RL = 150 to VS / 2 0.06 % typ C Differential Phase G = +2, NTSC, VO = 1.4Vp, RL = 150 to VS / 2 0.02 deg typ C DC PERFORMANCE(4) Open-Loop Voltage Gain (AOL)VO = 2.5V, RL = 100Ω to 2.5V 63 56 54 52 dB min A Input Offset Voltage VCM = 2.5V ±1.0 ±4 ±4.3 ±4.7 mV max A Average Offset Voltage Drift VCM = 2.5V ±10 ±10 µV/°Cmax B Input Bias Current VCM = 2.5V +3 ±8 ±9 ±11 µAmax A Average Bias Current Drift (magnitude) VCM = 2.5V ±20 ±40 nA/ °Cmax B Input Offset Current VCM = 2.5V ±0.3 ±1 ±1.4 ±1.6 µAmax A Average Offset Current Drift VCM = 2.5V ±7 ±9nA/°Cmax B INPUT Least Positive Input Voltage(5) 1.5 1.6 1.7 1.8 V max A Most Positive Input Voltage(5) 3.5 3.4 3.3 3.2 V min A Common-Mode Rejection Ratio (CMRR) VCM = 2.5V ±0.5V 63 58 56 54 dB min A Input Impedance Differential-Mode VCM = 2.5V 92 || 1.4 k Ω || pF typ C Common-Mode VCM = 2.5V 2.2 || 1.5 M Ω || pF typ C OUTPUT Most Positive Output Voltage No Load 4 3.8 3.6 3.5 V min A RL = 100Ω to 2.5V 3.9 3.7 3.5 3.4 V min A Least Positive Output Voltage No Load 1 1.2 1.4 1.5 V min A RL = 100Ω to 2.5V 1.1 1.3 1.5 1.7 V max A Current Output, Sourcing +160 +120 +100 +80 mA max A Current Output, Sinking –160 –120 –100 –80 mA min A Short-Circuit Current ±250 mA typ C Closed-Loop Output Impedance G = +2, f = 100kHz 0.04 Ω typ C DISABLE (Disable LOW) Power-Down Supply Current (+VS)VDIS = 0 –100 –200 –240 –260 µAmax A Off Isolation G = +2, 5MHz 65 dB typ C Output Capacitance in Disable 4 pF typ C Turn On Glitch G = +2, RL = 150Ω, VIN = VS /2 ±50 mV typ C Turn Off Glitch G = +2, RL = 150Ω, VIN = VS /2 ±20 mV typ C Enable Voltage 3.3 3.5 3.6 3.7 V min A Disable Voltage 1.8 1.7 1.6 1.5 V max A Control Pin Input Bias Current (VDIS)VDIS = 0 75 130 150 160 µA typ C POWER SUPPLY Specified Single-Supply Operating Voltage 5 V typ C Maximum Single-Supply Operating Voltage 12 12 12 V max B Max Quiescent Current VS = +5V 4.9 5.2 5.4 5.6 mA max A Min Quiescent Current VS = +5V 4.9 4.7 4.4 4.0 mA min A Power-Supply Rejection Ratio (+PSRR) Input Referred 72 dB typ C TEMPERATURE RANGE Specification: D, DBV –40 to +85 °C typ C Thermal Resistance, θ JA Junction-to-Ambient DSO-8 125 °C/W typ C DBV SOT23-6 150 °C/W typ C NOTES: (1) Junction Temperature = Ambient for 25 °C tested specifications. (2) Junction Temperature = Ambient at low temperature limit: Junction Temperature = Ambient +10 °C at high temperature limit for over temperature tested specifications. (3) Test Levels: (A) 100% tested at 25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only for information. (4) Current is considered positive out of node. VCM is the input common-mode voltage. (5) Tested < 3dB below minimum CMRR specification at ±CMIR limits. OPA690ID, IDBV TYP MIN/MAX OVER TEMPERATURE 0 °C to –40 °C to MIN/ TEST PARAMETER CONDITIONS +25 °C +25 °C(1) 70 °C(2) +85 °C(2) UNITS MAX LEVEL(3) ELECTRICAL CHARACTERISTICS: VS = +5V Boldface limits are tested at +25 °C. RF = 402Ω, RL = 100Ω, and G = +2, (see Figure 2 for AC performance only), unless otherwise noted. |