전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF88332DA 데이터시트(PDF) 91 Page - NXP Semiconductors

부품명 PCF88332DA
상세설명  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA 데이터시트(HTML) 91 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 87Page - NXP Semiconductors PCF88332DA Datasheet HTML 88Page - NXP Semiconductors PCF88332DA Datasheet HTML 89Page - NXP Semiconductors PCF88332DA Datasheet HTML 90Page - NXP Semiconductors PCF88332DA Datasheet HTML 91Page - NXP Semiconductors PCF88332DA Datasheet HTML 92Page - NXP Semiconductors PCF88332DA Datasheet HTML 93Page - NXP Semiconductors PCF88332DA Datasheet HTML 94Page - NXP Semiconductors PCF88332DA Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Notes
1. X = don’t care. For hexadecimal representation, don’t care bits are assumed to be logic 0.
2. The chip stays in shift operation as long as D/C is logic 1.
3. When VCBW = 1 the VC buffer is switched to a weak buffer. Default is VCBW = 0, where the VC buffer is powerful. To save power a capacitor could
be connected to VC pad. Depending on the application it might be advantageous or even necessary to program VCBW = 1.
12
wait for 50 ms until OTP cells are
programmed
13
0
1
111000
0
F0
disable programming
1
X
X
0
0
1
X
0
1
09
ORA = 001; OPE = 0; CALMM = 1
14
repeat steps 10 to 13 for rows 2 to 6
15
0
1
111000
0
F0
exit CALMM mode
1
X
X
0
0
0
X
0
0
00
ORA = 000; OPE = 0; CALMM = 0
16
set VOTP(gate) =0V; VOTP(drain) =0V
STEP
D/C
COMMAND BYTE(1)
ADDR
DESCRIPTION
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com