전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z115B 데이터시트(PDF) 2 Page - Formosa MS

부품명 Z115B
상세설명  Zener Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z115B 데이터시트(HTML) 2 Page - Formosa MS

  Z115B Datasheet HTML 1Page - Formosa MS Z115B Datasheet HTML 2Page - Formosa MS Z115B Datasheet HTML 3Page - Formosa MS Z115B Datasheet HTML 4Page - Formosa MS Z115B Datasheet HTML 5Page - Formosa MS Z115B Datasheet HTML 6Page - Formosa MS Z115B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Zener Diode
Features
Glass passivated chip junction.
Typical IR less than 0.5uA above 110V.
Standard zener voltage tolerance ±5%.
Low inductance.
Low profile package.
Built-in strain relief.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free part, ex.Z100B-H.
•
•
•
•
•
•
•
•
Package outline
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
.107(2.7)
.080(2.0)
DIA.
DIA.
PARAMETER
CONDITIONS
Symbol
V
F
P
D
MIN.
TYP.
MAX.
1.20
1000
UNIT
V
mW
Storage temperature
Operating temperature
T
STG
T
J
-55
-65
+150
+175
oC
oC
o
Maximum ratings (at T =25 C unless otherwise noted)
A
Forward voltage
Power Dissipation
I = 200 mA
F
1000mW
Zener
Diodes - 100V-330V
Axial Lead
Mechanical data
•
• Case : Molded plastic, DO-41
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guaranteed
• Polarity: Color band denotes cathode end
• Mounting Position : Any
• Weight : Approximated 0.33 gram
Epoxy : UL94-V0 rated flame retardant
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222716
2008/02/10
2010/03/10
B
7
Z100B THRU Z330B



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com