전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56364D 데이터시트(PDF) 10 Page - Motorola, Inc

부품명 DSP56364D
상세설명  24-Bit Audio Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56364D 데이터시트(HTML) 10 Page - Motorola, Inc

Back Button DSP56364D Datasheet HTML 6Page - Motorola, Inc DSP56364D Datasheet HTML 7Page - Motorola, Inc DSP56364D Datasheet HTML 8Page - Motorola, Inc DSP56364D Datasheet HTML 9Page - Motorola, Inc DSP56364D Datasheet HTML 10Page - Motorola, Inc DSP56364D Datasheet HTML 11Page - Motorola, Inc DSP56364D Datasheet HTML 12Page - Motorola, Inc DSP56364D Datasheet HTML 13Page - Motorola, Inc DSP56364D Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 162 page
background image
Signal/Connection Descriptions
External Memory Expansion Port (Port A)
1-6
DSP56364 Advance Information
MOTOROLA
1.5
EXTERNAL MEMORY EXPANSION PORT (PORT A)
When the DSP56364 enters a low-power standby mode (stop or wait), it tri-states the relevant port A
signals: D0–D7, AA0, AA1, RD, WR, CAS.
1.5.1
External Address Bus
1.5.2
External Data Bus
Table 1-5 External Address Bus Signals
Signal Name
Type
State during
Reset
Signal Description
A0–A17
Output
Keeper
active
Address Bus—A0–A17 are active-high outputs that spec-
ify the address for external program and data memory
accesses. Otherwise, the signals are kept to their previous
values by internal weak keepers. To minimize power dissi-
pation, A0–A17 do not change state when external mem-
ory spaces are not being accessed.
Table 1-6 External Data Bus Signals
Signal Name
Type
State during
Reset
Signal Description
D0–D7
Input/
Output
Tri-stated
Data Bus—D0–D7 are active-high, bidirectional input/out-
puts that provide the bidirectional data bus for external
program and data memory accesses. D0–D7 are tri-stated
during hardware reset and when the DSP is in the stop or
wait low-power standby mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com