전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2993 데이터시트(PDF) 2 Page - Semtech Corporation

부품명 GS2993
상세설명  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 데이터시트(HTML) 2 Page - Semtech Corporation

  GS2993 Datasheet HTML 1Page - Semtech Corporation GS2993 Datasheet HTML 2Page - Semtech Corporation GS2993 Datasheet HTML 3Page - Semtech Corporation GS2993 Datasheet HTML 4Page - Semtech Corporation GS2993 Datasheet HTML 5Page - Semtech Corporation GS2993 Datasheet HTML 6Page - Semtech Corporation GS2993 Datasheet HTML 7Page - Semtech Corporation GS2993 Datasheet HTML 8Page - Semtech Corporation GS2993 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
2 of 23
Propietary & Confidential
GS2993 Functional Block Diagram
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
4
158394
–
August 2012
Updates in GS2993 Pin Descriptions, Table 2-1: DC Electrical
Characteristics, and Input/Output Circuits.
3
157634
–
February
2012
Added pull-down resistor to Figure 3-5. Updated the descriptions for
the BYPASS and SLEEP pins in Table 1-1. Clarification to column
headings in Table 4-1.
2
157164
–
November
2011
Updated the descriptions for the GAIN_SEL and SQ_ADJ pins in
Table 1-1 to indicate that they have internal pull-down resistors.
1
155124
–
October
2010
Converted to Data Sheet. Increased cable length to 220m at 1.485Gb/s.
Revised CLI Output Voltage Range in Table 2-1: DC Electrical
Characteristics.
0
154343
–
June 2010
Converted to Preliminary Data Sheet. Changes to the Power
Consumption numbers in Table 2-1: DC Electrical Characteristics and
the Jitter numbers in Table 2-2: AC Electrical Characteristics. Added
Figure 4-2: Cable Length Indicator Output.
B
153758
–
March 2010
Removed the 470nF capacitor (between AGC and GND) from Figure
5-1: GS2993 Typical Application Circuit.
A
153234
–
January 2010
New document.
Equalizer
Output 1
AGC
SDI
SLEEP
SDO1
BYPASS
CD
SDI
SDO1
AGC
AGC
OP1_EN
SQ_ADJ
Squelch Adjust
Carrier Detect
Mute
DC
Restore
Output 2
SDO2
SDO2
OP2_EN
VEE_O1
VEE_O2
OP_CTL2
OP_CTL1
VCC_O1
VCC_O2
CLI
VCC_A
VEE_A
GAIN_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com