| 전자부품 데이터시트 검색엔진 |
|
SLX-3ES-2SC 데이터시트(PDF) 2 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
SLX-3ES-2SC 데이터시트(HTML) 2 Page - Red Lion Controls. Inc |
|
2 / 2 page ![]() SLX-3ES Industrial Ethernet Media Converter Specifications CONNECT. MONITOR. CONTROL. www.redlion.net/sixnet +1 (518) 877-5173 | info@redlion.net About Red Lion As the global experts in communication, monitoring and control for industrial automation, Red Lion has been delivering innovative solutions to customers for forty years. Our award-winning technology enables companies worldwide to gain real-time data visibility that drives productivity. Product brands include Red Lion, Sixnet and N-Tron. With headquarters in York, Pennsylvania, the company has offices across the Americas, Asia-Pacific and Europe. Red Lion is a Spectris company. For more information, visit www.redlion.net/sixnet, call +1 (518) 877-5173 or email info@redlion.net © 2012 Red Lion Controls. All Rights Reserved. JUN2012 SPECIFICATIONS Ethernet Performance • Type: Unmanaged • Operation: store and forward wire-speed switching, non-blocking • Modes: full or half duplex operation with flow control on all ports • MAC addresses: 1,024 • Memory bandwidth: 3.2 Gbps • Latency (typical): (plus frame time) – 5 uS for 100 Mbps – 16 uS for 10 Mbps • Ethernet isolation: 1,500 Vrms 1 minute RJ45 Copper Ports • 2 RJ45 ports fully IEEE 802.3 compliant • Speed (10/100) and duplex settings (full or half): auto-detecting or manually configurable • Auto-MDI/MDIX-crossover automatically supports either straight or crossed cables • Auto-polarity for automatic correction of crossed TD and RD pairs Fiber Optic Ports • 1 100 Mbps fiber optic ports • Connector style: SC or ST • Multimode: links up to 4 km typical; use with 50-62.5/125 micron fiber • Singlemode: links up to 120 km typical; use with 9/125 micron fiber Power Input • Dual power inputs for redundant power • Reverse polarity protection • Input voltage range: 10 to 30 VDC • Power consumption (typical with all ports linked and active): 3.0 W • Transient protection: 15,000 W peak • Spike protection: 5,000 W (10 times for 10 uS) Environmental • Operating temperature: -40 to 85°C • Cold startup: -40°C • Storage temperature: -40 to 85°C • Humidity: 5 to 95% RH (non-condensing; conformal coating optional) • Shock and vibration: IEC60068-2-6 and -27 • Maximum Operating Altitude: 30,000 ft. Standards & Compliance • Standards: IEEE 802.3, 802.3u, 802.3x, 802.1D/w, 802.1p and 802.1Q • Electrical safety: UL508, CSA C22.2/14; EN61010-1, CE • EMC: FCC part 15, ICES-003; EN610006- 2/4, CE • Hazardous locations: UL1604, CSA C22.2/213 (Class I, Div 2); EN60079-15 (Zone 2; Category 3), CE (ATEX) • Marine/maritime/offshore rated per ABS • NEMA TS-2 for traffic control systems • MTBF: >2MM hours GB @ 40°C per MIL-HNDBK-217F2 • RoHs and WEEE compliant Mechanical • Material: corrosion-resistant aluminum • Ingress protection: IP40 • Mounting: DIN-rail or direct-to-panel • Weight: 6 oz (0.17 kg) • Dimensions: 3” x 1” x 4.50” (7.62cm x 2.54cm x 11.43cm) Warranty • 5 years on design and manufacturing defects SLX-3ES Industrial Ethernet Media Converter SlimLine Plus Unmanaged Industrial Connectivity All specifications are subject to change. Contact Sixnet to learn more. PART NUMBER DESCRIPTION SLX-3ES-2SC 2 RJ45 ports and 1 multimode fiber SC, 4 km SLX-3ES-2ST 2 RJ45 ports and 1 multimode fiber ST, 4 km SLX-3ES-3SC 2 RJ45 ports and 1 singlemode fiber SC, 20+ km SLX-3ES-3ST 2 RJ45 ports and 1 singlemode fiber ST, 20+ km SLX-3ES-3SCL 2 RJ45 ports and 1 singlemode fiber SC, 40+ km SLX-3ES-3STL 2 RJ45 ports and 1 singlemode fiber ST, 40+ km ORDER GUIDE CONNECT. MONITOR. CONTROL. www.redlion.net/sixnet +1 (518) 877-5173 | info@redlion.net About Red Lion As the global experts in communication, monitoring and control for industrial automation, Red Lion has been delivering innovative solutions to customers for forty years. Our award-winning technology enables companies worldwide to gain real-time data visibility that drives productivity. Product brands include Red Lion, Sixnet and N-Tron. With headquarters in York, Pennsylvania, the company has offices across the Americas, Asia-Pacific and Europe. Red Lion is a Spectris company. For more information, visit www.redlion.net/sixnet, call +1 (518) 877-5173 or email info@redlion.net © 2012 Red Lion Controls. All Rights Reserved. JUN2012 SPECIFICATIONS Ethernet Performance • Type: Unmanaged • Operation: store and forward wire-speed switching, non-blocking • Modes: full or half duplex operation with flow control on all ports • MAC addresses: 1,024 • Memory bandwidth: 3.2 Gbps • Latency (typical): (plus frame time) – 5 uS for 100 Mbps – 16 uS for 10 Mbps • Ethernet isolation: 1,500 Vrms 1 minute RJ45 Copper Ports • 2 RJ45 ports fully IEEE 802.3 compliant • Speed (10/100) and duplex settings (full or half): auto-detecting or manually configurable • Auto-MDI/MDIX-crossover automatically supports either straight or crossed cables • Auto-polarity for automatic correction of crossed TD and RD pairs Fiber Optic Ports • 1 100 Mbps fiber optic ports • Connector style: SC or ST • Multimode: links up to 4 km typical; use with 50-62.5/125 micron fiber • Singlemode: links up to 120 km typical; use with 9/125 micron fiber Power Input • Dual power inputs for redundant power • Reverse polarity protection • Input voltage range: 10 to 30 VDC • Power consumption (typical with all ports linked and active): 3.0 W • Transient protection: 15,000 W peak • Spike protection: 5,000 W (10 times for 10 uS) Environmental • Operating temperature: -40 to 85°C • Cold startup: -40°C • Storage temperature: -40 to 85°C • Humidity: 5 to 95% RH (non-condensing; conformal coating optional) • Shock and vibration: IEC60068-2-6 and -27 • Maximum Operating Altitude: 30,000 ft. Standards & Compliance • Standards: IEEE 802.3, 802.3u, 802.3x, 802.1D/w, 802.1p and 802.1Q • Electrical safety: UL508, CSA C22.2/14; EN61010-1, CE • EMC: FCC part 15, ICES-003; EN610006- 2/4, CE • Hazardous locations: UL1604, CSA C22.2/213 (Class I, Div 2); EN60079-15 (Zone 2; Category 3), CE (ATEX) • Marine/maritime/offshore rated per ABS • NEMA TS-2 for traffic control systems • MTBF: >2MM hours GB @ 40°C per MIL-HNDBK-217F2 • RoHs and WEEE compliant Mechanical • Material: corrosion-resistant aluminum • Ingress protection: IP40 • Mounting: DIN-rail or direct-to-panel • Weight: 6 oz (0.17 kg) • Dimensions: 3” x 1” x 4.50” (7.62cm x 2.54cm x 11.43cm) Warranty • 5 years on design and manufacturing defects SLX-3ES Industrial Ethernet Media Converter SlimLine Plus Unmanaged Industrial Connectivity All specifications are subject to change. Contact Sixnet to learn more. PART NUMBER DESCRIPTION SLX-3ES-2SC 2 RJ45 ports and 1 multimode fiber SC, 4 km SLX-3ES-2ST 2 RJ45 ports and 1 multimode fiber ST, 4 km SLX-3ES-3SC 2 RJ45 ports and 1 singlemode fiber SC, 20+ km SLX-3ES-3ST 2 RJ45 ports and 1 singlemode fiber ST, 20+ km SLX-3ES-3SCL 2 RJ45 ports and 1 singlemode fiber SC, 40+ km SLX-3ES-3STL 2 RJ45 ports and 1 singlemode fiber ST, 40+ km ORDER GUIDE CONNECT. MONITOR. CONTROL. www.redlion.net/sixnet +1 (518) 877-5173 | info@redlion.net About Red Lion As the global experts in communication, monitoring and control for industrial automation, Red Lion has been delivering innovative solutions to customers for forty years. Our award-winning technology enables companies worldwide to gain real-time data visibility that drives productivity. Product brands include Red Lion, Sixnet and N-Tron. With headquarters in York, Pennsylvania, the company has offices across the Americas, Asia-Pacific and Europe. Red Lion is a Spectris company. For more information, visit www.redlion.net/sixnet, call +1 (518) 877-5173 or email info@redlion.net © 2012 Red Lion Controls. All Rights Reserved. JUN2012 SPECIFICATIONS Ethernet Performance • Type: Unmanaged • Operation: store and forward wire-speed switching, non-blocking • Modes: full or half duplex operation with flow control on all ports • MAC addresses: 1,024 • Memory bandwidth: 3.2 Gbps • Latency (typical): (plus frame time) – 5 uS for 100 Mbps – 16 uS for 10 Mbps • Ethernet isolation: 1,500 Vrms 1 minute RJ45 Copper Ports • 2 RJ45 ports fully IEEE 802.3 compliant • Speed (10/100) and duplex settings (full or half): auto-detecting or manually configurable • Auto-MDI/MDIX-crossover automatically supports either straight or crossed cables • Auto-polarity for automatic correction of crossed TD and RD pairs Fiber Optic Ports • 1 100 Mbps fiber optic ports • Connector style: SC or ST • Multimode: links up to 4 km typical; use with 50-62.5/125 micron fiber • Singlemode: links up to 120 km typical; use with 9/125 micron fiber Power Input • Dual power inputs for redundant power • Reverse polarity protection • Input voltage range: 10 to 30 VDC • Power consumption (typical with all ports linked and active): 3.0 W • Transient protection: 15,000 W peak • Spike protection: 5,000 W (10 times for 10 uS) Environmental • Operating temperature: -40 to 85°C • Cold startup: -40°C • Storage temperature: -40 to 85°C • Humidity: 5 to 95% RH (non-condensing; conformal coating optional) • Shock and vibration: IEC60068-2-6 and -27 • Maximum Operating Altitude: 30,000 ft. Standards & Compliance • Standards: IEEE 802.3, 802.3u, 802.3x, 802.1D/w, 802.1p and 802.1Q • Electrical safety: UL508, CSA C22.2/14; EN61010-1, CE • EMC: FCC part 15, ICES-003; EN610006- 2/4, CE • Hazardous locations: UL1604, CSA C22.2/213 (Class I, Div 2); EN60079-15 (Zone 2; Category 3), CE (ATEX) • Marine/maritime/offshore rated per ABS • NEMA TS-2 for traffic control systems • MTBF: >2MM hours GB @ 40°C per MIL-HNDBK-217F2 • RoHs and WEEE compliant Mechanical • Material: corrosion-resistant aluminum • Ingress protection: IP40 • Mounting: DIN-rail or direct-to-panel • Weight: 6 oz (0.17 kg) • Dimensions: 3” x 1” x 4.50” (7.62cm x 2.54cm x 11.43cm) Warranty • 5 years on design and manufacturing defects SLX-3ES Industrial Ethernet Media Converter SlimLine Plus Unmanaged Industrial Connectivity All specifications are subject to change. Contact Sixnet to learn more. PART NUMBER DESCRIPTION SLX-3ES-2SC 2 RJ45 ports and 1 multimode fiber SC, 4 km SLX-3ES-2ST 2 RJ45 ports and 1 multimode fiber ST, 4 km SLX-3ES-3SC 2 RJ45 ports and 1 singlemode fiber SC, 20+ km SLX-3ES-3ST 2 RJ45 ports and 1 singlemode fiber ST, 20+ km SLX-3ES-3SCL 2 RJ45 ports and 1 singlemode fiber SC, 40+ km SLX-3ES-3STL 2 RJ45 ports and 1 singlemode fiber ST, 40+ km ORDER GUIDE w w w .r edlion.net Connect. Monitor. Control. Americas sales@redlion.net Asia-Pacific asia@redlion.net Europe Middle East Africa europe@redlion.net +1 (717) 767-6511 As the global experts in communication, monitoring and control for industrial automation and networking, Red Lion has been delivering innovative solutions for over forty years. Our automation, Ethernet and cellular M2M technology enables companies worldwide to gain real-time data visibility that drives productivity. Product brands include Red Lion, N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company has offices across the Americas, Asia-Pacific and Europe. Red Lion is part of Spectris plc, the productivity-enhancing instrumentation and controls company. For more information, please visit www.redlion.net. ADLD0209 041615 ©2015 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners. |