전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLTS035A 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SLTS035A
상세설명  Single Device 9A Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS035A 데이터시트(HTML) 2 Page - Texas Instruments

  SLTS035A Datasheet HTML 1Page - Texas Instruments SLTS035A Datasheet HTML 2Page - Texas Instruments SLTS035A Datasheet HTML 3Page - Texas Instruments SLTS035A Datasheet HTML 4Page - Texas Instruments SLTS035A Datasheet HTML 5Page - Texas Instruments SLTS035A Datasheet HTML 6Page - Texas Instruments SLTS035A Datasheet HTML 7Page - Texas Instruments SLTS035A Datasheet HTML 8Page - Texas Instruments SLTS035A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Safe Operating Area Curves (@ Vin=+5.0V) (See Note B)
PT6601P (Vertical)
PT6601R (Vertical with Side Tab)
Output Current (Amps)
Output Current (Amps)
Output Current (Amps)
PT6601D (Horizontal)
Airflow
Airflow
Airflow
TYPICAL
CHARACTERISTICS
Note A:
Note A:
Note A:
Note A:
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT6601, 3.3 VDC
(See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
40
50
60
70
80
90
100
01
234
567
89
4.5V
5.0V
5.5V
Vin
0
5
10
15
20
25
30
012
345
678
9
5.5V
5.0V
4.5V
Vin
0
1
2
3
4
5
6
7
8
9
012
34567
89
5.5V
5.0V
4.5V
Vin
P
20
30
40
50
60
70
80
90
01
234
5678
9
300 LFM
150 LFM
60 LFM
Nat Conv
20
30
40
50
60
70
80
90
012
34
567
89
300 LF M
150 LF M
60 LF M
Na t Co nv.
20
30
40
50
60
70
80
90
012345
6789
300 LF M
150 LF M
60 LF M
Nat Conv
Specifications (continued)
Characteristics
PT6600 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
—
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
Mechanical Vibration
—
Per Mil-STD-883D, Method 2007.2,
—
7.5
—
G’s
20-2000 Hz, soldered in a PC board
Weight
—
—
—
14
—
grams
Notes: (1) The PT6600 series requires two 330µF electrolytic capacitors (input and output) for proper operation in all applications. The input capacitance must be rated for a minimum of
1.1Arms of ripple current. See the application note, PT6500/6600 Series Capacitor Recommendations.
(2) ISR will operate down to no load with reduced specifications.
(3) For operation below 0°C, use tantalum capacitors for CIN and COUT. For more information, contact an Application Specialist.
(4) See Safe Operating Curves, or contact the factory for the appropriate derating.
9 Amp 5V/3.3V Input Adjustable
Integrated Switching Regulator
PT6600 Series



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com