전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLTS152 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SLTS152
상세설명  40-A Programmable Integrated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS152 데이터시트(HTML) 5 Page - Texas Instruments

  SLTS152 Datasheet HTML 1Page - Texas Instruments SLTS152 Datasheet HTML 2Page - Texas Instruments SLTS152 Datasheet HTML 3Page - Texas Instruments SLTS152 Datasheet HTML 4Page - Texas Instruments SLTS152 Datasheet HTML 5Page - Texas Instruments SLTS152 Datasheet HTML 6Page - Texas Instruments SLTS152 Datasheet HTML 7Page - Texas Instruments SLTS152 Datasheet HTML 8Page - Texas Instruments SLTS152 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT7761, PT7769
Capacitor Recommendations for
the
PT7761 Integrated Switching Regulator
Input Capacitors
The recommended input capacitance is determined by
1.4 ampere minimum ripple current rating and 1500µF
minimum capacitance. Capacitors listed below must be
rated for a minimum of 2x the input voltage with +5V
operation. Ripple current and
≤100mΩ Equivalent Series
Resistance (ESR) values are the major considerations along
with temperature when selecting the proper capacitor.
Output Capacitors
The minimum required output capacitance is 330µF with
a maximum ESR less than or equal to 100m
Ω. Failure to
observe this requirement may lead to regulator instability or
oscillation. Electrolytic capacitors have poor ripple perfor-
mance at frequencies greater than 400kHz, but excellent low
frequency transient response. Above the ripple frequency
ceramic decoupling capacitors are necessary to improve the
transient response and reduce any microprocessor high
frequency noise components apparent during higher current
excursions. Preferred low ESR type capacitor part numbers
are identified in the Table 1 below.
Note: (N/R) is not recommended for this application, due to extremely low Equivalent Series Resistance (ESR)
Table 1 Capacitors Characteristic Data
Tantalum Characteristics
Tantalum capacitors with a minimum 10V rating are
recommended on the output bus, but only the AVX TPS
series, Sprague 594/595 series, or Kemet T495/T510
series. These AVX, Sprague, and Kemet capacitors are
specified over other types due to their higher surge current,
excellent power dissipation, and ripple current ratings. As a
caution, the TAJ series by AVX is not recommended. This
series exhibits considerably higher ESR, reduced power
dissipation and lower ripple current capability. The TAJ
series is also less reliable than the TPS series when deter-
mining power dissipation capability.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The suggested minimum quantities per regu-
lator for both the input and output buses are identified.
This is not an extensive capacitor list. The table below is a
selection guide for input and output capacitors. Other capacitor
vendors are available with comparable RMS ripple current rating
and ESR (Equivalent Series Resistance at 100kHz). These
critical parameters are necessary to insure both optimum regulator
performance and long capacitor life.
r
o
t
i
c
a
p
a
C
/
r
o
d
n
e
V
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
C
F
g
t
M
e
c
a
f
r
u
S
A
F
V
6
1
V
5
3
V
0
1
V
6
1
0
0
2
2
0
3
3
0
8
6
0
0
8
1
8
3
0
.
0
Ω
5
6
0
.
0
Ω
Ω
0
9
0
.
0
Ω
2
3
0
.
0
A
m
0
0
0
2
A
m
5
0
2
1
A
m
5
5
7
A
m
0
0
0
2
5
.
6
1
x
8
1
5
.
6
1
x
5
.
2
1
5
.
2
1
x
0
1
5
1
x
8
1
1
1
1
1
1
1
N
2
2
2
C
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
1
8
6
A
1
A
F
U
E
E
A
2
8
1
C
1
A
F
U
E
E
d
e
t
i
n
U
n
o
C
-
i
m
e
h
C
s
e
i
r
e
S
V
F
L
V
5
2
V
6
1
V
6
1
0
3
3
0
0
2
2
0
7
4
4
8
0
.
0
Ω
8
3
0
.
0
Ω
4
8
0
.
0
÷
Ω
2
4
0
.
0
=
2
Ω
A
m
5
2
8
A
m
0
3
6
1
2
x
A
m
5
2
8
6
1
x
0
1
0
2
x
6
1
6
1
x
0
1
1
1
1
1
L
L
6
1
X
0
1
M
1
3
3
B
V
5
2
V
X
L
L
L
0
2
X
6
1
M
2
2
2
B
V
6
1
V
X
L
L
L
6
1
X
0
1
M
1
7
4
B
V
6
1
V
X
L
n
o
c
i
h
c
i
N
s
e
i
r
e
S
L
P
s
e
i
r
e
S
M
P
V
0
1
V
0
1
V
5
2
0
8
6
0
0
8
1
0
3
3
0
9
0
.
0
Ω
4
4
0
.
0
Ω
5
9
0
.
0
Ω
A
m
0
7
7
A
m
0
2
4
1
A
m
0
5
7
5
1
x
0
1
5
1
x
6
1
5
1
x
0
1
1
1
1
1
6
H
H
M
1
8
6
A
1
L
P
U
6
H
H
M
2
8
1
A
1
L
P
U
6
H
P
M
1
3
3
E
1
L
P
U
S
S
n
o
c
s
O
V
S
V
0
1
V
0
1
0
3
3
0
3
3
5
2
0
.
0
÷
Ω
6
0
0
.
0
=
4
Ω
2
0
.
0
÷
Ω
5
0
0
.
0
=
4
Ω
A
m
0
0
8
9
>
A
m
0
0
8
9
>
5
.
0
1
x
0
1
6
.
2
1
x
3
.
0
1
4
4
R
/
N
)
e
t
o
N
(
M
0
3
3
S
S
0
1
M
0
3
3
V
S
0
1
)
t
n
u
o
M
e
c
a
f
r
u
S
(
X
V
A
m
u
l
a
t
a
n
a
T
s
e
i
r
e
S
-
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
1
.
0
÷
Ω
2
0
.
0
=
5
Ω
6
0
.
0
Ω
A
m
0
0
5
3
A
m
6
2
8
1
x
L
3
.
7
x
W
3
.
4
H
1
.
4
5
5
1
1
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
e
u
g
a
r
p
S
m
u
l
a
t
n
a
T
D
4
9
5
/
D
5
9
5
V
0
1
V
0
1
0
3
3
0
8
6
5
4
0
.
0
÷
Ω
1
1
0
.
0
=
4
Ω
9
0
.
0
Ω
A
m
0
0
5
4
>
A
m
0
6
6
1
>
x
L
3
.
7
x
W
7
.
5
H
0
.
4
5
2
1
1
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5
T
2
R
0
1
0
0
X
7
8
6
D
5
9
5
)
t
n
u
o
M
e
c
a
f
r
u
S
(
t
e
m
e
K
m
u
l
a
t
n
a
T
5
9
4
T
/
0
1
5
T
s
e
i
r
e
S
V
0
1
V
0
1
0
3
3
0
2
2
5
3
0
.
0
Ω
7
0
.
0
Ω÷
5
3
0
.
0
=
2
Ω
A
m
0
0
0
2
A
m
0
0
0
2
>
L
3
.
7
x
W
3
.
4
H
0
.
4
x
5
6
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
S
A
0
1
0
M
7
2
2
X
5
9
4
T
)
t
n
u
o
M
e
c
a
f
r
u
S
(
p
a
c
s
o
P
o
y
n
a
S
B
P
T
V
0
10
2
24
0
.
0
Ω
A
m
0
0
0
3x
L
2
.
7
x
W
3
.
4
H
1
.
3
62
M
0
2
2
B
P
T
0
1
)
t
n
u
o
M
e
c
a
f
r
u
S
(



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com