| 전자부품 데이터시트 검색엔진 |
|
CSMSTRZR 데이터시트(PDF) 1 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
CSMSTRZR 데이터시트(HTML) 1 Page - Red Lion Controls. Inc |
|
1 / 2 page ![]() Data Station Plus & Modular Controller Red Lion Automation Series Enhanced Data Station Plus & Modular Controller FEATURES & BENEFITS > Provides email and SMS text message alerts > USB host port to download the unit’s configuration from a PC or for data transfers to a PC > 10 BASE-T/100 BASE-TX Ethernet connection can connect to an unlimited number of devices via ten protocols simultaneously > CSMSTRZR performs hierarchical control of other modules in the modular controller series > CSMSTRZR supports up to 16 CS-Series modules to accept digital and analog signals PRODUCT HIGHLIGHTS > Protocol conversion feature converts numerous protocols simultaneously > 250+ communications drivers for communicating directly with PLCs, drives, etc. > Data logging; syncs data logs to FTP servers and Microsoft SQL Server® > Built-in webserver allows remote view or control from any internet connected PC > USB host capabilities The Red Lion DSP and CSMSTR Series are designed to act as the nexus for industrial data collection and management. The units offer protocol conversion, data logging, and remote machine access. With three built-in serial ports and a 10 Base-T/100 Base-TX Ethernet port, the units perform protocol conversion, allowing disparate devices to communicate seamlessly with one another. The Ethernet port supports up to ten protocols simultaneously so even Ethernet to Ethernet protocols can be converted. These units leverage over 250 communication drivers via three independent serial ports and an Ethernet port, to connect and collect data from virtually any PLC, drive, bar code scanner, etc. APPLICATION DIAGRAM APPLICATIONS > Transportation > Oil & Gas > Mining > Maritime > Factory Floor Mobile Phone Drive Square D PLC Mitsubishi PLC USB Barcode Reader USB Keyboard USB Thumb Compact Flash TRANSFER LOGGING Text Msg (SMS) Red Lion Panel Meter Siemens® PLC Drive Allen-Bradley PLC Red Lion DSPZR N-Tron 716TX Industrial Ethernet Switch Red Lion Modular Controller CSMSTRZR |
유사한 부품 번호 - CSMSTRZR |
|
유사한 설명 - CSMSTRZR |