전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25LQ64C 데이터시트(PDF) 9 Page - ELM Electronics

부품명 GD25LQ64C
상세설명  64M-bit Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELM [ELM Electronics]
홈페이지  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ64C 데이터시트(HTML) 9 Page - ELM Electronics

Back Button GD25LQ64C Datasheet HTML 5Page - ELM Electronics GD25LQ64C Datasheet HTML 6Page - ELM Electronics GD25LQ64C Datasheet HTML 7Page - ELM Electronics GD25LQ64C Datasheet HTML 8Page - ELM Electronics GD25LQ64C Datasheet HTML 9Page - ELM Electronics GD25LQ64C Datasheet HTML 10Page - ELM Electronics GD25LQ64C Datasheet HTML 11Page - ELM Electronics GD25LQ64C Datasheet HTML 12Page - ELM Electronics GD25LQ64C Datasheet HTML 13Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
9
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ64CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
×
×
1
1
1
0 to 127
000000H-7FFFFFH
8MB
ALL
1
0
0
0
1
127
7FF000H-7FFFFFH
4KB
Top Block
1
0
0
1
0
127
7FE000H-7FFFFFH
8KB
Top Block
1
0
0
1
1
127
7FC000H-7FFFFFH
16KB
Top Block
1
0
1
0
×
127
7F8000H-7FFFFFH
32KB
Top Block
1
0
1
1
0
127
7F8000H-7FFFFFH
32KB
Top Block
1
1
0
0
1
0
000000H-000FFFH
4KB
Bottom Block
1
1
0
1
0
0
000000H-001FFFH
8KB
Bottom Block
1
1
0
1
1
0
000000H-003FFFH
16KB
Bottom Block
1
1
1
0
×
0
000000H-007FFFH
32KB
Bottom Block
1
1
1
1
0
0
000000H-007FFFH
32KB
Bottom Block
Status Register Content
Memory Content
BP4 BP3 BP2 BP1 BP0
Blocks
Addresses
Density
Portion
×
×
0
0
0
ALL
000000H-7FFFFFH
ALL
ALL
0
0
0
0
1
0 to 125
000000H-7DFFFFH
8064KB
Lower 63/64
0
0
0
1
0
0 to 123
000000H-7BFFFFH
7936KB
Lower 31/32
0
0
0
1
1
0 to 119
000000H-77FFFFH
7680KB
Lower 15/16
0
0
1
0
0
0 to 111
000000H-6FFFFFH
7MB
Lower 7/8
0
0
1
0
1
0 to 95
000000H-5FFFFFH
6MB
Lower 3/4
0
0
1
1
0
0 to 63
000000H-3FFFFFH
4MB
Lower 1/2
0
1
0
0
1
2 to 127
020000H-7FFFFFH
8064KB
Upper 63/64
0
1
0
1
0
4 to 127
040000H-7FFFFFH
7936KB
Upper 31/32
0
1
0
1
1
8 to 127
080000H-7FFFFFH
7680KB
Upper 15/16
0
1
1
0
0
16 to 127
100000H-7FFFFFH
7MB
Upper 7/8
0
1
1
0
1
32 to 127
200000H-7FFFFFH
6MB
Upper 3/4
0
1
1
1
0
64 to 127
400000H-7FFFFFH
4MB
Upper 1/2
×
×
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 127
000000H-7FEFFFH
8188KB
Lower 2047/2048
1
0
0
1
0
0 to 127
000000H-7FDFFFH
8184KB
Lower 1023/1024
1
0
0
1
1
0 to 127
000000H-7FBFFFH
8176KB
Lower 511/512
1
0
1
0
×
0 to 127
000000H-7F7FFFH
8160KB
Lower 255/256
1
0
1
1
0
0 to 127
000000H-7F7FFFH
8160KB
Lower 255/256
1
1
0
0
1
0 to 127
001000H-7FFFFFH
8188KB
Upper 2047/2048
1
1
0
1
0
0 to 127
002000H-7FFFFFH
8184KB
Upper 1023/1024
1
1
0
1
1
0 to 127
004000H-7FFFFFH
8176KB
Upper 511/512
1
1
1
0
×
0 to 127
008000H-7FFFFFH
8160KB
Upper 255/256
1
1
1
1
0
0 to 127
008000H-7FFFFFH
8160KB
Upper 255/256
Table 1a. GD25LQ64C Protected area size (CMP=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com