전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP4458G 데이터시트(PDF) 82 Page - Micronas

부품명 MSP4458G
상세설명  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G 데이터시트(HTML) 82 Page - Micronas

Back Button MSP4458G Datasheet HTML 77Page - Micronas MSP4458G Datasheet HTML 78Page - Micronas MSP4458G Datasheet HTML 79Page - Micronas MSP4458G Datasheet HTML 80Page - Micronas MSP4458G Datasheet HTML 81Page - Micronas MSP4458G Datasheet HTML 82Page - Micronas MSP4458G Datasheet HTML 83Page - Micronas MSP4458G Datasheet HTML 84Page - Micronas MSP4458G Datasheet HTML 85Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 82 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
82
Micronas
7. Appendix C: Application Information
7.1. Exclusions of Audio Baseband Features
In general, all functions can be switched independently.
Two exceptions exist:
1. NICAM cannot be processed simultaneously with
secondary channel (see Fig. 2–3 and Fig. 2–2 on
page 10).
2. FM adaptive deemphasis cannot be processed
simultaneously with FM-identification.
7.2. Phase Relationship of Analog Outputs
The analog output signals: Main, Aux, and SCART2 all
have the same phases. The SCART1 output has oppo-
site phase.
Using the I2S-outputs for other DSPs or D/A convert-
ers, care must be taken to adjust for the correct phase.
Fig. 7–1: Phase diagram of the MSP 44x8G
SCART2-Ch.
SCART1
SCART1
SCART2
SCART4
SCART3
MONO
Main
Audio
SCART
DSP
Input
Select
SCART
Output Select
Baseband
Processing
Aux
SCART1-Ch.
SCART2
I2S_OUT1/2
I2S_IN1/2/3
MONO, SCART1...4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85