전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4N65P 데이터시트(PDF) 1 Page - Analog Power

부품명 AM4N65P
상세설명  N-Channel 650-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4N65P 데이터시트(HTML) 1 Page - Analog Power

  AM4N65P Datasheet HTML 1Page - Analog Power AM4N65P Datasheet HTML 2Page - Analog Power AM4N65P Datasheet HTML 3Page - Analog Power AM4N65P Datasheet HTML 4Page - Analog Power AM4N65P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4N65P
N-Channel 650-V (D-S) MOSFET
VDS (V)
ID (A)
650
4
a
Symbol
Limit
Units
VDS
650
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
4
IDM
16
TC=25°C
IS
4
A
Power Dissipation
a
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
0.5
Notes
a.
Package Limited
b.
Pulse width limited by maximum junction temperature
c.
Surface Mounted on 1” x 1” FR4 Board.
Pulsed Drain Current
b
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Gate-Source Voltage
A
Maximum Junction-to-Ambient
c
Maximum Junction-to-Case
Continuous Source Current (Diode Conduction)
a
PRODUCT SUMMARY
rDS(on) (Ω)
2.6 @ VGS = 10V
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Power Supplies
• Motor Drives
• Consumer Electronics
DRAIN
connected
to TAB
© Preliminary
1
Publication Order Number:
DS_AM4N65P_1A


유사한 부품 번호 - AM4N65P

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4N60B ANALOGPOWER-AM4N60B Datasheet
328Kb / 5P
N-Channel 600-V (D-S) MOSFET
AM4N60D ANALOGPOWER-AM4N60D Datasheet
232Kb / 5P
N-Channel 600-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4N60D DOINGTER-AM4N60D Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4N60I ANALOGPOWER-AM4N60I Datasheet
314Kb / 5P
N-Channel 600-V (D-S) MOSFET
AM4N60P ANALOGPOWER-AM4N60P Datasheet
305Kb / 5P
N-Channel 600-V (D-S) MOSFET
More results

유사한 설명 - AM4N65P

제조업체부품명데이터시트상세설명
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UD01N65 VBSEMI-UD01N65 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
TSM13N50CIC0 VBSEMI-TSM13N50CIC0 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
TSM15N50CIC0 VBSEMI-TSM15N50CIC0 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
SPP1N60C3 VBSEMI-SPP1N60C3 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
SPP04N60C2 VBSEMI-SPP04N60C2 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SPP11N60CFD VBSEMI-SPP11N60CFD Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
TSM2NB60CPROG VBSEMI-TSM2NB60CPROG Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SSD02N60SL VBSEMI-SSD02N60SL Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SSD02N65SL VBSEMI-SSD02N65SL Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com