| 전자부품 데이터시트 검색엔진 |
|
CS8952T 데이터시트(PDF) 83 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8952T 데이터시트(HTML) 83 Page - Cirrus Logic |
|
83 / 86 page ![]() DS206TPP2 83 CS8952T CrystalLAN™ 100BASE-X and 10BASE-T Transceiver CIRRUS LOGIC ADVANCED PRODUCT DATABOOK Recommended PCB Footprint DIM Min Typ Max Unit C - 15.40 - mm D - 12.00 - mm E- 0.50 - mm G 13.80 - 14.00 mm X0.30 - 0.40 mm Y- 1.60 - mm Z 16.80 - 17.00 mm E C D G Z Y X |